Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4354 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4354
Description  This document describes the operation of the gate driving circuitry which
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4354 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4354 Datasheet HTML 6Page - STMicroelectronics AN4354 Datasheet HTML 7Page - STMicroelectronics AN4354 Datasheet HTML 8Page - STMicroelectronics AN4354 Datasheet HTML 9Page - STMicroelectronics AN4354 Datasheet HTML 10Page - STMicroelectronics AN4354 Datasheet HTML 11Page - STMicroelectronics AN4354 Datasheet HTML 12Page - STMicroelectronics AN4354 Datasheet HTML 13Page - STMicroelectronics AN4354 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID025239 Rev 2
11/14
AN4354
Gate drivers setup
14
the overcurrent detection is based on the voltage drop on the on resistance of the MOSFET:
increasing the resistance value the protection is triggered at lower load currents.
This condition can also cause problems during the turn-off of the MOSFET as shown in
Figure 11. At the beginning of the turn off the gate voltage may have reached the VCC value,
in particular for the low-side MOSFETs where the gate current is not limited at the end of the
tCC time (see Section 1.2: Turn-on sequence on page 5 statement). Starting from VCC the
gate voltage is decreased down to the Miller plateau region, but the gate charge is not
enough to complete the plateau and the Miller clamp is closed before the Vds commutation
is ended. The MOSFET is immediately turned off and as a consequence the output of the
power stage is subjected to a strong slew rate which could cause critical issues.
In the second case the gate charge is not enough to complete the Miller plateau region (see
Figure 12). In this case the output commutation is not completed and the overcurrent
protection, which measures the voltage drop on the MOSFET, is triggered even if very low
or even no load current is present.
Figure 10. Turn-on with low gate charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com