Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4396 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4396
Description  The STEVAL-ISV021V1 is a demonstration kit which consists
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4396 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4396 Datasheet HTML 7Page - STMicroelectronics AN4396 Datasheet HTML 8Page - STMicroelectronics AN4396 Datasheet HTML 9Page - STMicroelectronics AN4396 Datasheet HTML 10Page - STMicroelectronics AN4396 Datasheet HTML 11Page - STMicroelectronics AN4396 Datasheet HTML 12Page - STMicroelectronics AN4396 Datasheet HTML 13Page - STMicroelectronics AN4396 Datasheet HTML 14Page - STMicroelectronics AN4396 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DocID025514 Rev 1
11/19
AN4396
Harvesting module connectors
19
3
Harvesting module connectors
The STEVAL-ISV021V1 provides a set of connectors for the input sources which are
described below:
CN1 (2-pin connector)
This connector is provided to supply the SPV1050 device by a supply source alternative to
the on-board PV panel.
The J4 must be open before an external source is connected to the CN1. For the proper
selection of the external source, please refer to the datasheet of the SPV1050 device.
J25 (16-pin extension connector).
It can be used to connect the harvesting module to an external load such as a wireless
sensor node module.
–
LDO1_EN CONTROL (input): it provides the connection to an external signal that
controls the LDO1_EN pin. In this case the SW1 must be left open. If the LDO1 is
not used, the LDO1_EN pin has to be connected to ground.
–
LDO2_EN CONTROL (input): it provides the connection to an external signal that
controls the LDO2_EN pin. In this case the SW2 must be left open. If the LDO2 is
not used, the LDO2_EN pin has to be connected to ground.
–
BATT_CHG (output): battery charge status pin.
This is an open drain pin that has to be pulled up by a resistor (10 M
 typical) to
VSTORE voltage rail.
–
BATT_CONN (output): battery connection status pin.
This is an open drain pin that has to be pulled up by a resistor (10 M
 typical) to
VSTORE voltage rail.
–
LDO2: LDO2 (3.3 V) output voltage pin.
–
LDO1: LDO1 (1.8 V) output voltage pin.
–
GND: ground pin of the extension board.
J27 (16-pin monitoring connector)
It provides the connection to the power monitoring board.
Table 2. CN1 connector
CN1 pin number
12
Signal
SOURCE +
SOURCE -
Table 3. J25 connector
J25 pin number
1 - 2
3 - 4
5 - 6
7 - 8
9 - 10
11 - 12
13 - 16
SPV1050
pin signal
LDO1_EN
CONTROL
LDO2_EN
CONTROL
BATT_CHG BATT_CONN
LDO2
LDO1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com