Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4396 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4396
Description  The STEVAL-ISV021V1 is a demonstration kit which consists
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4396 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4396 Datasheet HTML 9Page - STMicroelectronics AN4396 Datasheet HTML 10Page - STMicroelectronics AN4396 Datasheet HTML 11Page - STMicroelectronics AN4396 Datasheet HTML 12Page - STMicroelectronics AN4396 Datasheet HTML 13Page - STMicroelectronics AN4396 Datasheet HTML 14Page - STMicroelectronics AN4396 Datasheet HTML 15Page - STMicroelectronics AN4396 Datasheet HTML 16Page - STMicroelectronics AN4396 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DocID025514 Rev 1
13/19
AN4396
Jumpers and switches
19
4
Jumpers and switches
Table 5. J4 jumper
J4
Function
CLOSE 1 - 2: harvesting board supplied by the on-board PV panel
OPEN 1 - 2: enables an alternative source from the CN1
Table 6. J5 jumper
J5
Function
CLOSE 1 - 2: bypasses power monitoring sense and supply directly the SPV1050
OPEN 1 - 2: power monitoring enabled from the power monitoring board
Table 7. J6 jumper
J6
Function
CLOSE 1 - 2: bypasses power monitoring sense and connects the battery to the BATT
pin
OPEN 1 - 2: enables sensing from the monitoring board
Table 8. J7 jumper
J7
Function
CLOSE 1 - 2: not used
OPEN 1 - 2: enables ambient light sensing from the monitoring board
Table 9. J23 jumper
J23
Function
CLOSE 1 - 2: STORE pin supplied by the USB cable
OPEN 1 - 2: STORE pin supplied by the energy harvesting source
Table 10. SW1 and SW2
SW1
SW2
Function
CLOSE 1-3: LDO1 DISABLED
CLOSE 2-3: LDO1 ENABLED
FLOATING: EXTERNAL CONTROL BY J25
CLOSE 1-3: LDO2 DISABLED
CLOSE 2-3: LDO2 ENABLED
FLOATING: EXTERNAL CONTROL BY J25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com