Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4415 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4415
Description  This document focuses on a demonstration board design
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4415 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4415 Datasheet HTML 18Page - STMicroelectronics AN4415 Datasheet HTML 19Page - STMicroelectronics AN4415 Datasheet HTML 20Page - STMicroelectronics AN4415 Datasheet HTML 21Page - STMicroelectronics AN4415 Datasheet HTML 22Page - STMicroelectronics AN4415 Datasheet HTML 23Page - STMicroelectronics AN4415 Datasheet HTML 24Page - STMicroelectronics AN4415 Datasheet HTML 25Page - STMicroelectronics AN4415 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Supporting material
AN4415
22/30
DocID025612 Rev 1
Table 5. Bill of material (general)
Item Ref.
Description
Value
PCB footprint
Supplier
Voltage
1
C1
Ceramic capacitor
1 nF
C0805
Several
100 V
2
C2
Ceramic capacitor
0.1
F
C0805
Several
100 V
3
C3
Ceramic capacitor
N. M.
C0805
Several
100 V
4
C4
Ceramic capacitor
N. M.
C0805
Several
100 V
5
C5
Ceramic capacitor
10 nF
C0603
Several
100 V
6
C6
Ceramic capacitor
100 pF - N. M.
C0603
Several
50 V
7
C7
Ceramic capacitor
1 nF
C0603
Several
100 V
8
C8
Ceramic capacitor
N. M.
C0603
Several
100 V
9
C9
Ceramic capacitor
N. M.
C0603
Several
100 V
10
C10 Ceramic capacitor
1 nF
C0805
Several
100 V
11
C11 Ceramic capacitor
0.1
F
C0805
Several
100 V
12
C12 Electrol. capacitor
22
F
C-POL8-10
Panasonic
EEEFK2A220P
100 V
13
C13 Ceramic capacitor
1 nF
C0805
Several
100 V
14
C14 Ceramic capacitor
0.1
F
C0603
Several
50 V
15
C15 Ceramic capacitor
0.1
F
C0805
Several
100 V
16
C16 Ceramic capacitor
10 nF
C0603
Several
100 V
17
C17 Ceramic capacitor
1
F
C1206
Several
100 V
18
C18 Ceramic capacitor
1 nF
C0603
Several
100 V
19
C19 Ceramic capacitor
1 nF
C0603
Several
100 V
20
C20 Ceramic capacitor
1
F
C1206
Several
100 V
21
C21 Ceramic capacitor
470 pF
C0603
Several
50 V
22
C22 Ceramic capacitor
0.1
F
C0603
Several
50 V
23
C23 Ceramic capacitor
0.1
F
C0603
Several
50 V
24
C24 Ceramic capacitor
1 nF
C0805
Several
200 V
25
C26 Ceramic capacitor
1 nF
C0805
Several
200 V
26
C27 Ceramic capacitor
N. M.
C0805
Several
50 V
27
C28 Ceramic capacitor
1
F
C0603
TDK
C1608X5R1E105K
16 V
28
C29 Ceramic capacitor
1 nF
C0805
Several
200 V
29
C30 Ceramic capacitor
2.2nF
C1812
TDK 4532X7RD222K
2KV
30
C31 Ceramic capacitor
1 nF
C0805
Several
200 V
31
C32 Ceramic capacitor
N. M.
C0603
Several
50 V
32
C33 Ceramic capacitor
0.1
F
C0603
Several
50 V
33
C34 Ceramic capacitor
560 pF N. M.
C0805
Several
50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com