Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4415 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4415
Description  This document focuses on a demonstration board design
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4415 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4415 Datasheet HTML 19Page - STMicroelectronics AN4415 Datasheet HTML 20Page - STMicroelectronics AN4415 Datasheet HTML 21Page - STMicroelectronics AN4415 Datasheet HTML 22Page - STMicroelectronics AN4415 Datasheet HTML 23Page - STMicroelectronics AN4415 Datasheet HTML 24Page - STMicroelectronics AN4415 Datasheet HTML 25Page - STMicroelectronics AN4415 Datasheet HTML 26Page - STMicroelectronics AN4415 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DocID025612 Rev 1
23/30
AN4415
Supporting material
30
34
C35 Ceramic capacitor
2.2 nF
C1812
TDK 4532X7RD222K
2KV
35
C37 Ceramic capacitor
560 pF
C0805
Several
50 V
36
C38 Ceramic capacitor
22
F
C1206
TDK
C3216X5R1E226M
16 V
37
C39 Ceramic capacitor
22
F - N. M.
C1206
TDK
C3216X5R1E226M
16 V
38
C40 Ceramic capacitor
22
F - N. M.
C1206
TDK
C3216X5R1E226M
16 V
39
C41 Ceramic capacitor
22
F
C1206
TDK
C3216X5R1E226M
16 V
40
C42 Ceramic capacitor
1
F
C0603
Several
16 V
41
C43 Ceramic capacitor
22
F - N. M.
C1206
TDK
C3216X5R1E226M
16 V
42
C44 Ceramic capacitor
22
F - N. M.
C1206
TDK
C3216X5R1E226M
16 V
43
C45 Ceramic capacitor
10 nF - N. M.
C0603
Several
50 V
44
C46 Ceramic capacitor
22
F - N. M.
C1206
TDK
C3216X5R1E226M
16 V
45
C47 Ceramic capacitor
22
F
C1206
TDK
C3216X5R1E226M
16 V
46
C48 Ceramic capacitor
1
F
C0603
TDK
C1608X5R1E105K
16 V
47
C49 Ceramic capacitor
22
F - N. M.
C1206
TDK
C3216X5R1E226M
16 V
48
C50 Ceramic capacitor
22
F - N. M.
C1206
TDK
C3216X5R1E226M
16 V
49
C51 Ceramic capacitor
22 nF
C0603
Several
50 V
50
C52 Electrol. capacitor
330
F - N. M.
C-POL8-6_3
Panasonic
EEEFK1C331P
16 V
51
C53 Electrol. capacitor
330
F
C-POL8-6_3
Panasonic
EEEFK1C331P
16 V
52
C54 Ceramic capacitor
100 pF
C0603
Several
50 V6 V
53
C55 Ceramic capacitor
0.1
F - N. M.
C0603
Several
50 V
54
C56 Ceramic capacitor
0.1
F
C0603
Several
50 V
55
D1
Diode
N. M.
SMA
Several
56
D2
Diode
N. M.
SMA
Several
57
D3
Diode bridge
DF01S
DF01S
Diodes
58
D4
Diode bridge
HD01 - N. M.
HD01
Diodes
59
D5
Zener diode
BZX84C10
SOT23
Several
Table 5. Bill of material (general) (continued)
Item Ref.
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com