Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4466 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4466
Description  The aim of this document is to give all information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4466 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4466 Datasheet HTML 1Page - STMicroelectronics AN4466 Datasheet HTML 2Page - STMicroelectronics AN4466 Datasheet HTML 3Page - STMicroelectronics AN4466 Datasheet HTML 4Page - STMicroelectronics AN4466 Datasheet HTML 5Page - STMicroelectronics AN4466 Datasheet HTML 6Page - STMicroelectronics AN4466 Datasheet HTML 7Page - STMicroelectronics AN4466 Datasheet HTML 8Page - STMicroelectronics AN4466 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Optical filtering
AN4466
4/10
DocID026155 Rev 1
2
Optical filtering
The cover glass has to allow through the IR light at 850nm emitted and received by the
proximity sensor. If the ALS functionality of the VL6180X is to be used, the cover glass also
has to allow through enough visible light to allow the lux level to be calculated.
2.1
Optical transmission
450 and 650 nm: 5 to 15% transmission (only required if ALS functionality is required)
Above 800nm:
>80% transmission
2.2
Potential issues
2.2.1
Cross talk
When using the VL6180X in ranging mode, the cross talk is defined as the signal from the
emitter reflecting off the cover glass and being sensed by the receiver. The VL6180X can
tolerate and compensate for a certain amount of cross talk, but this need to be minimised as
much as possible. The type of IR ink coating used on the cover glass can have a significant
effect on the amount of cross talk.
The glass surface should be as smooth as possible, with ideally a roughness value (Ra) of <
0.04.
Figure 2. Effect on ink used on cover glass
yi = abs. deviation from best fit plane
Example of rough ink - high cross talk
Example of smooth ink - low cross talk



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com