Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4466 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4466
Description  The aim of this document is to give all information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4466 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4466 Datasheet HTML 1Page - STMicroelectronics AN4466 Datasheet HTML 2Page - STMicroelectronics AN4466 Datasheet HTML 3Page - STMicroelectronics AN4466 Datasheet HTML 4Page - STMicroelectronics AN4466 Datasheet HTML 5Page - STMicroelectronics AN4466 Datasheet HTML 6Page - STMicroelectronics AN4466 Datasheet HTML 7Page - STMicroelectronics AN4466 Datasheet HTML 8Page - STMicroelectronics AN4466 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID026155 Rev 1
5/10
AN4466
Optical filtering
10
Each time the light passes through the glass, it will be scattered to a certain extent. The
amount of scattering will be determined by several factors including the roughness and the
IR cut off position. The wavelength of the cut off between visible and IR should be designed
to be nearer 650nm than 840nm.
Figure 3. Examples of scattering
Example of high scattering
Example of low scattering



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com