Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4496 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4496
Description  How to get a high power factor with the HVLED815PF device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4496 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4496 Datasheet HTML 7Page - STMicroelectronics AN4496 Datasheet HTML 8Page - STMicroelectronics AN4496 Datasheet HTML 9Page - STMicroelectronics AN4496 Datasheet HTML 10Page - STMicroelectronics AN4496 Datasheet HTML 11Page - STMicroelectronics AN4496 Datasheet HTML 12Page - STMicroelectronics AN4496 Datasheet HTML 13Page - STMicroelectronics AN4496 Datasheet HTML 14Page - STMicroelectronics AN4496 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID026370 Rev 1
11/18
AN4496
Designing a high PF wide range LED driver with the HVLED815PF
18
Mean output voltage [V]:
Equation 22
VOUT = 21.7 V
The mean voltage LED string drop is the output voltage.
Overvoltage protection [V]:
Equation 23
VOVP = 29 V
The output voltage VOUT has a ripple at twice the line frequency and whose amplitude is
proportional to the output current and reverse proportional to output capacitance. This
application has a high ripple voltage (due to the high power factor and small bulk capacitor).
With a mean output voltage of 22 V the peak is at 25 V.
For reliability the output capacitor has a rated voltage of 35 V.
The selected OVP threshold of 29 V is set between these two limits (the peak output voltage
and output capacitor rated voltage).
Supply voltage of the device [V]:
Equation 24
VCC = 12 V
In this design the supply voltage Vcc is low. That value is selected, because in this design
the output voltage is fixed to 22 V. A higher value of Vcc is recommended (until 18 - 21 V)
in case of application with variable output voltage [example: Iout = 460 mA,
Vout = 14 V ~ 22 V)].
The efficiency is better if the supply current is sourced from the auxiliary winding rather than
from the high voltage startup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com