Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4496 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4496
Description  How to get a high power factor with the HVLED815PF device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4496 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4496 Datasheet HTML 10Page - STMicroelectronics AN4496 Datasheet HTML 11Page - STMicroelectronics AN4496 Datasheet HTML 12Page - STMicroelectronics AN4496 Datasheet HTML 13Page - STMicroelectronics AN4496 Datasheet HTML 14Page - STMicroelectronics AN4496 Datasheet HTML 15Page - STMicroelectronics AN4496 Datasheet HTML 16Page - STMicroelectronics AN4496 Datasheet HTML 17Page - STMicroelectronics AN4496 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Designing a high PF wide range LED driver with the HVLED815PF
AN4496
14/18
DocID026370 Rev 1
2.5
Current sense resistor
Current sense resistor value is determined by the average LED current IOUT.
Equation 29
This formula is exact if:
The peak voltage on the ILED pin is smaller than the maximum headroom voltage for
all mains voltage range.
OVP protection is set 20% over the maximum output peak voltage.
Perfect transformer coupling.
The LED driver works in the TM mode for over an half of the semi-period.
For different designs, fine tuning may be needed, but once the final values are selected,
repeatability from unit to unit is excellent.
2.6
Primary inductance
The primary inductance Lp sets the working frequency.
For the best regulation is better to limit the minimum frequency at maximum mains voltage
(265 V) to 90 KHz, in this way when the voltage is around the peak of the semi-period (and
the instantaneous power is higher), the LED driver operates in transition mode (TM). In wide
range application, at minimum mains voltage (88 V), this frequency drops to the minimum
fmin  40 KHz.
Equation 30
The increase fmin reduces the primary inductance and the transformer can be smaller. In this
case KRs can be used to compensate divergence of IOUT from the case with optimal
frequency.
Real value used:
RS = 1 
Real value used:
LP = 1.5 mH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com