Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1491 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 9Page - STMicroelectronics UM1491 Datasheet HTML 10Page - STMicroelectronics UM1491 Datasheet HTML 11Page - STMicroelectronics UM1491 Datasheet HTML 12Page - STMicroelectronics UM1491 Datasheet HTML 13Page - STMicroelectronics UM1491 Datasheet HTML 14Page - STMicroelectronics UM1491 Datasheet HTML 15Page - STMicroelectronics UM1491 Datasheet HTML 16Page - STMicroelectronics UM1491 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
UM1491
Board architecture
Doc ID 022479 Rev 1
13/25
7.2
Gate driving
As mentioned previously, gate driving of the switches is performed by the latest of the L6390
family of devices. Refer to
Section 8.1 for detailed information on the gate driving circuit and
dead-time insertion. A fault signal is also fed back to the J5 connector if an overcurrent event
is detected.
7.3
Amplifying network
The voltages across the three shunt resistors are amplified by K to correctly condition the
current feedback signals and optimize the output voltage range for a given phase current
range and A/D converter input dynamics. Refer to
Section 8.3 for more detailed information
on how to dimension the op-amp conditioning network depending on your needs.
7.4
Brake feature
The brake feature performs motor braking by switching simultaneously to the low-side power
MOSFET, thus shortening the motor phases.
Warning:
This feature is mandatory in applications that require the
motor to operate in a flux-weakening region. In these
conditions, the back-EMF generated by the rotor’s spinning is
greater than the bus voltage, and the brake feature prevents
the motor from acting as a generator and destructively
charging the bus capacitance. Refer to
Section 8.4 for
additional information.
7.5
Temperature feedback
Temperature feedback is performed by way of an NTC. It enables monitoring of the power
stage temperature so as to prevent any damage to the inverter caused by overtemperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com