Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1491 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM1491
Description  100 W 3-phase inverter demonstration board using the L6390 and STD5N52U for vector control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1491 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM1491 Datasheet HTML 17Page - STMicroelectronics UM1491 Datasheet HTML 18Page - STMicroelectronics UM1491 Datasheet HTML 19Page - STMicroelectronics UM1491 Datasheet HTML 20Page - STMicroelectronics UM1491 Datasheet HTML 21Page - STMicroelectronics UM1491 Datasheet HTML 22Page - STMicroelectronics UM1491 Datasheet HTML 23Page - STMicroelectronics UM1491 Datasheet HTML 24Page - STMicroelectronics UM1491 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
UM1491
Using the STEVAL-IHM021V2 with the “STM32 PMSM FOC SDK v3.0” firmware library
Doc ID 022479 Rev 1
21/25
Refer to user manual UM1052 “STM32F103xx or STM32F100xx PMSM single/dual FOC
SDK v3.0” for detailed information about
“STM32 PMSM FOC SDK v3.0”
9.4
Configuration of STM32 PMSM FOC SDK v3.0 for the
STEVAL-IHM021v2
When using the ST MC Workbench configuration PC tool, the following parameters should
be set in the “Power stage” section:
Table 4.
ST MC Workbench configuration PC tool: power stage parameters
Parameter
STEVAL-IHM032v1
default value
Unit
ICL Shutout
Disabled
Dissipative brake
Disabled
Bus voltage sensing
Enabled
Bus voltage divider
125
Min rated voltage
60
V
Max rated voltage
380
V
Nominal voltage
325
V
Temperature sensing
Enabled
V0(1)
1055
mV
T0
25
°C
∆V/∆T(1)
22
mV/°C
Max working temperature on sensor
70
°C
Overcurrent protection
Enabled
Comparator threshold
0.5
V
Overcurrent network gain
0.45
V/A
Expected overcurrent threshold
1.11
A
Overcurrent feedback signal polarity
Active low
Overcurrent protection disabling network
Enabled
Overcurrent protection disabling network polarity
Active high
Current sensing
Enabled
Current reading topology
Three shunt resistor
Shunt resistor(s) value
0.45
Amplifying network gain
2.9
T-noise
1250
ns
T-rise
1250
ns
Power switches: min dead-time
500
ns
Power switches: max switching frequency
50
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com