Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1688 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 18Page - STMicroelectronics UM1688 Datasheet HTML 19Page - STMicroelectronics UM1688 Datasheet HTML 20Page - STMicroelectronics UM1688 Datasheet HTML 21Page - STMicroelectronics UM1688 Datasheet HTML 22Page - STMicroelectronics UM1688 Datasheet HTML 23Page - STMicroelectronics UM1688 Datasheet HTML 24Page - STMicroelectronics UM1688 Datasheet HTML 25Page - STMicroelectronics UM1688 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Boards description
UM1688
22/41
DocID025471 Rev 2
Table 12. EVAL6472H - jumpers and connectors description
Name
Type
Function
M1
Power supply
Motor supply voltage
M2
Power output
Bridge A outputs
M3
Power output
Bridge B outputs
CN1
SPI connector
Master SPI
CN2
SPI connector
Slave SPI
CN3
NM connector
OSCIN and OSCOUT pins
CN4
NM connector
External switch input
TP1 (VS)
Test point
Motor supply voltage test point
TP2 (VDD)
Test point
Logic interface supply voltage test point
TP3 (VREG)
Test point
Logic supply voltage/L6470 internal regulator test point
TP5 (GND)
Test point
Ground test point
TP6 (GND)
Test point
Ground test point
TP8 (STCK)
Test point
Step-clock input test point
TP9 (STBY/RES)
Test point
Standby/reset input test point
TP10 (FLAG)
Test point
FLAG output test point
TP11 (BUSY/SYNC)
Test point
BUSY/SYNC output test point
Table 13. EVAL6472H - master SPI connector pinout (J10)
Pin number
Type
Description
1
Open drain output
L6472 BUSY output
2
Open drain output
L6472 FLAG output
3
Ground
Ground
4
Supply
EXT_VDD (can be used as external logic power supply)
5
Digital output
SPI master IN slave OUT signal (connected to L6472 SDO
output through daisy chain termination jumper JP2)
6
Digital input
SPI serial clock signal (connected to L6472 CK input)
7
Digital input
SPI master OUT slave IN signal (connected to L6472 SDI
input)
8
Digital input
SPI slave select signal (connected to L6472 CS input)
9
Digital input
L6472 step-clock input
10
Digital input
L6472 standby/reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com