Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1688 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM1688
Description  In combination with the STEVAL-PCC009V2 demonstration
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1688 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM1688 Datasheet HTML 33Page - STMicroelectronics UM1688 Datasheet HTML 34Page - STMicroelectronics UM1688 Datasheet HTML 35Page - STMicroelectronics UM1688 Datasheet HTML 36Page - STMicroelectronics UM1688 Datasheet HTML 37Page - STMicroelectronics UM1688 Datasheet HTML 38Page - STMicroelectronics UM1688 Datasheet HTML 39Page - STMicroelectronics UM1688 Datasheet HTML 40Page - STMicroelectronics UM1688 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
DocID025471 Rev 2
39/41
UM1688
How to change the supply configuration of the board
41
4
How to change the supply configuration of the board
The configuration of the supply voltages can be changed through the jumpers from J1 to J6
as listed in Table 21.
When VREG pin is supplied through an external voltage source, particular care must be
taken in order to avoid that VS voltage falls below the VREG one (e.g. VS is floating and
VREG is supplied). In this case the internal ESD diode is turned on and the device could be
damaged.
Adding a low drop diode between VREG and VS protects the internal ESD diode from this
event.
Table 21. Device supply configurations
Configuration
JP1
JP2
Logic levels
Notes
Logic supplied by the integrated voltage
regulator and VDD shorted to VREG.
Open
Closed
3.3 V logic
compliant.
Default.
Logic supplied by the integrated voltage
regulator and VDD floating.
Open
Open
According to
VDD voltage.
The VDD must be supplied
through the respective test point.
Logic supplied by the integrated voltage
regulator and VDD supplied through the
SPI connector.
Closed
Open
According to
VDD voltage.
The VDD must be supplied
through the SPI connector.
Logic and VDD supplied through the SPI
connector.
Closed Closed
3.3 V logic
compliant.
The supply voltage from the SPI
connector must be 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com