Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1313 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1313
Description  Dual PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1313 Datasheet(HTML) 5 Page - Linear Technology

  LT1313 Datasheet HTML 1Page - Linear Technology LT1313 Datasheet HTML 2Page - Linear Technology LT1313 Datasheet HTML 3Page - Linear Technology LT1313 Datasheet HTML 4Page - Linear Technology LT1313 Datasheet HTML 5Page - Linear Technology LT1313 Datasheet HTML 6Page - Linear Technology LT1313 Datasheet HTML 7Page - Linear Technology LT1313 Datasheet HTML 8Page - Linear Technology LT1313 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1313
PIN FUNCTIONS
Supply Pins: Power is supplied to the device through the
two supply pins
which must be connected together at all
times . The supply pins should be bypassed to ground if
the device is more than six inches away from the main
supply capacitor. A bypass capacitor in the range of 0.1
µF
to 1
µF is sufficient. The supply voltage to the LT1313 can
be loosely regulated between 13V and 20V.
VPPOUT Pins: Each regulated output supplies power to the
two PCMCIA card VPP pins which are typically tied to-
gether at the socket. Each VPPOUT output is current limited
to approximately 330mA. Thermal shutdown provides a
second level of protection. A 1
µF to 10µF tantalum output
capacitor is recommended.
Input Enable Pins: The four digital input pins are high
impedance inputs with approximately 20
µA input current
at 2.4V. The input thresholds are compatible with CMOS
controllers and can be driven from either 5V or 3.3V CMOS
logic. ESD protection diodes limit input excursions to 0.6V
below ground.
VALID Output Pins: These pins are open-collector NPN
outputs which are driven low when the corresponding
VPPOUT pin is in regulation, i.e., when it is above 11V. Two
external 51k pull-up resistors are connected between
these outputs and the same 5V or 3.3V logic supply
powering the PCMCIA compatible control logic.
VCC Sense Pins: Two independent comparators and 4V
references automatically switch the VPPOUT outputs from
5V to 3.3V depending upon the voltage sensed at the
corresponding PCMCIA card socket VCC pin. The input
current for these pins is approximately 30
µA. For 5V only
operation, connect the Sense pins directly to ground. An
ESD protection diode limits the input voltage to 0.6V below
ground.
Ground Pins:
The two ground pins must be connected
together at all times.
BLOCK DIAGRAM (One Channel)
–
+
–
+
XVPPOUT
XVCC SENSE
VS
XEN0
XEN1
XVALID
1313 BD
11V
LOW DROPOUT
LINEAR
REGULATOR
VOLTAGE
LOGIC CONTROL
4V
X = A OR B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com