Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1313 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1313
Description  Dual PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1313 Datasheet(HTML) 1 Page - Linear Technology

  LT1313 Datasheet HTML 1Page - Linear Technology LT1313 Datasheet HTML 2Page - Linear Technology LT1313 Datasheet HTML 3Page - Linear Technology LT1313 Datasheet HTML 4Page - Linear Technology LT1313 Datasheet HTML 5Page - Linear Technology LT1313 Datasheet HTML 6Page - Linear Technology LT1313 Datasheet HTML 7Page - Linear Technology LT1313 Datasheet HTML 8Page - Linear Technology LT1313 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1313
Dual PCMCIA
VPP Driver/Regulator
s
Digital Selection of 0V, VCC, 12V or Hi-Z
s
Output Current Capability: 120mA
s
Internal Current Limiting and Thermal Shutdown
s
Automatic Switching from 3.3V to 5V
s
Powered from Unregulated 13V to 20V Supply
s
Logic Compatible with Standard PCMCIA Controllers
s
Output Capacitors: 1
µF
s
Quiescent Current in Hi-Z or 0V Mode: 60
µA
s
Independent VPP Valid Status Feedback Signals
s
No VPP Overshoot
The LT
®1313 is a member of Linear Technology
Corporation’s PCMCIA driver/regulator family. It provides
0V, 3.3V, 5V, 12V and Hi-Z regulated power to the VPP
pins of two PCMCIA card slots from a single unregulated
13V to 20V supply. When used in conjunction with a PC Card
Interface Controller, the LT1313 forms a complete minimum
component-countinterfaceforpalmtop,pen-basedandnote-
book computers. The two VPP output voltages are inde-
pendently selected by four logic compatible digital inputs
which interface directly with industry standard PC Card
Interface Controllers.
Automatic 3.3V to 5V switching is provided by two inde-
pendent comparators which continuously monitor each
PC card VCC supply voltage and automatically adjust the
VPP output to match the associated VCC pin voltage when
the VPP = VCC mode is selected.
Two open-collector VPP VALID outputs are provided to
indicate when the VPP outputs are in regulation at 12V.
The LT1313 is available in 16-pin SO packaging.
FEATURES
DESCRIPTION
s
Notebook Computers
s
Palmtop Computers
s
Pen-Based Computers
s
Handi-Terminals
s
Bar-Code Readers
s
Flash Memory Programming
APPLICATIONS
TYPICAL APPLICATION
VPP1
VPP2
PCMCIA
CARD SLOT
#1
VCC
VPP1
VPP2
PCMCIA
CARD SLOT
#2
VCC
ASENSE
AVPPOUT
GND
GND
LT1313
VS
VS
AVALID
AEN0
AEN1
BSENSE
BVPPOUT
BVALID
BEN0
BEN1
13V TO 20V
+
1
µF
TANTALUM
1
µF
TANTALUM
DUAL PCMCIA
CARD SLOT
CONTROLLER
+
0.1
µF
3.3V/5V
3.3V/5V
1313 TA01
Typical PCMCIA Dual Slot VPP Driver
DEVICE
DESCRIPTION
PACKAGE
LT1312
SINGLE PCMCIA VPP DRIVER/REGULATOR
8-PIN SO
LT1313
DUAL PCMCIA VPP DRIVER/REGULATOR
16-PIN SO*
LTC
®1314 SINGLE PCMCIA SWITCH MATRIX
14-PIN SO
LTC1315
DUAL PCMCIA SWITCH MATRIX
24-PIN SSOP
LTC1470
PROTECTED VCC 5V/3.3V SWITCH MATRIX
8-PIN SO
LTC1472
PROTECTED VCC AND VPP SWITCH MATRIX 16-PIN SO*
*NARROW BODY
Linear Technology PCMCIA Product Family
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1313

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1313 LINER-LT1313 Datasheet
252Kb / 12P
Dual PCMCIA VPP Driver/Regulator
LT1313CS LINER-LT1313CS Datasheet
252Kb / 12P
Dual PCMCIA VPP Driver/Regulator
More results

Similar Description - LT1313

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1312 LINER-LT1312 Datasheet
259Kb / 12P
Single PCMCIA VPP Driver/Regulator
LT1313 LINER-LT1313 Datasheet
252Kb / 12P
Dual PCMCIA VPP Driver/Regulator
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
logo
Micrel Semiconductor
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
PCMCIA Card Socket VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
LT1312 LINER-LT1312_15 Datasheet
240Kb / 12P
Single PCMCIA VPP Driver/Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com