Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2561 Datasheet (PDF) - Micrel Semiconductor

MIC2561 Datasheet PDF - Micrel Semiconductor
Part # MIC2561
Download  MIC2561 Download
File Size   50.92 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PCMCIA Card Socket VCC & VPP Switching Matrix

MIC2561 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2561 Datasheet PDF - Micrel Semiconductor

Part # MIC2561
Download  MIC2561 Click to download

File Size   50.92 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PCMCIA Card Socket VCC & VPP Switching Matrix

MIC2561 Datasheet (HTML) - Micrel Semiconductor


MIC2561 Product details

General Description
The MIC2561 VCC & VPP Matrix controls PCMCIA (Personal Computer Memory Card International Association) memory card power supply pins, both VCC and VPP. The MIC2561 switches voltages from the system power supply to VCC and VPP. The MIC2561 switches between the three VCC voltages (OFF, 3.3V and 5.0V) and the VPP voltages (OFF, 0V, 3.3V, 5V, or 12.0V) required by PCMCIA cards. Output voltage is selected by two digital inputs for each output and output current ranges up to 750mA for VCC and 200mA for VPP. For higher VCC output current, please refer to the full-performance MIC2560.

Features
• Complete PCMCIA VCC and VPP Switch Matrix in a Single IC
• No External Components Required
• Controlled Switching Times
• Logic Options for Compatible with Industry Standard PCMCIA Controllers
• No Voltage Overshoot or Switching Transients
• Break-Before-Make Switching
• Output Current Limit and Over-Temperature Shutdown
• Digital Flag for Error Condition Indication
• Ultra Low Power Consumption
• Digital Selection of VCC and VPP Voltages
• Over 750mA of VCC Output Current
• 200mA of VPP Output Current
• 14-Pin SOIC Package

Applications
• PCMCIA Power Supply Pin Voltage Switch
• Data Collection Systems
• Machine Control Data Input Systems
• Wireless Communications
• Bar Code Data Collection Systems
• Instrumentation Configuration/Datalogging
• Docking Stations (portable and desktop)
• Power Supply Management
• Power Analog Switching




Similar Part No. - MIC2561

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2561-0BM MICREL-MIC2561-0BM Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561-0YM MICREL-MIC2561-0YM Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561-1BM MICREL-MIC2561-1BM Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561-1YM MICREL-MIC2561-1YM Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
More results


Similar Description - MIC2561

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
PCMCIA Card Socket VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2557 MICREL-MIC2557_11 Datasheet
52Kb / 8P
PCMCIA Card Socket VPP Switching Matrix Final Information
logo
Linear Technology
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com