Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2560 Datasheet (PDF) - Micrel Semiconductor

MIC2560 Datasheet PDF - Micrel Semiconductor
Part # MIC2560
Download  MIC2560 Download
File Size   58.71 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PCMCIA Card Socket VCC and VPP Switching Matrix

MIC2560 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2560 Datasheet PDF - Micrel Semiconductor

Part # MIC2560
Download  MIC2560 Click to download

File Size   58.71 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PCMCIA Card Socket VCC and VPP Switching Matrix

MIC2560 Datasheet (HTML) - Micrel Semiconductor


MIC2560 Product details

General Description
The MIC2560 VCC and VPP Matrix controls PCMCIA (Personal Computer Memory Card International Association) memory card power supply pins, both VCC and VPP. The MIC2560 switches voltages from the system power supply to VCC and VPP. The MIC2560 switches between the three VCC voltages (OFF, 3.3V and 5.0V) and the VPP voltages (OFF, 0V, 3.3V, 5V, or 12.0V) required by PCMCIA cards. Output voltage is selected by two digital inputs for each output and output current ranges up to 1A for VCC and 200mA for VPP.

Features
• Complete PCMCIA VCC and VPP switch matrix in a single IC
• No external components required
• Logic compatible with industry standard PCMCIA controllers
• No voltage overshoot or switching transients
• Break-before-make switching
• Output current limit and overtemperature shutdown
• Digital flag for error condition indication
• Ultra-low power consumption
• Digital selection of VCC and VPP voltages
• Over 1A VCC output current
• 200mA VPP (12V) output current
• Options for direct compatibility with industry standard PCMCIA controllers
• 16-Pin SOIC package

Applications
• PCMCIA power supply pin voltage switch
• Font cards for printers and scanners
• Data-collection systems
• Machine control data input systems
• Wireless communications
• Bar code data collection systems
• Instrumentation configuration/data-logging
• Docking stations (portable and desktop)
• Power supply management
• Power analog switching




Similar Part No. - MIC2560

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2560-0BWM MICREL-MIC2560-0BWM Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560-0YWM MICREL-MIC2560-0YWM Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560-1BWM MICREL-MIC2560-1BWM Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560-1YWM MICREL-MIC2560-1YWM Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
More results


Similar Description - MIC2560

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
PCMCIA Card Socket VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2557 MICREL-MIC2557_11 Datasheet
52Kb / 8P
PCMCIA Card Socket VPP Switching Matrix Final Information
logo
Linear Technology
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com