Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2557 Datasheet (PDF) - Micrel Semiconductor

MIC2557 Datasheet PDF - Micrel Semiconductor
Part # MIC2557
Download  MIC2557 Download
File Size   51.52 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PCMCIA Card Socket VPP Switching Matrix

MIC2557 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2557 Datasheet PDF - Micrel Semiconductor

Part # MIC2557
Download  MIC2557 Click to download

File Size   51.52 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PCMCIA Card Socket VPP Switching Matrix

MIC2557 Datasheet (HTML) - Micrel Semiconductor


MIC2557 Product details

General Description

The MIC2557 switches the four voltages required by PCMCIA (Personal Computer Memory Card International Association) card VPP Pins. The MIC2557 provides selectable 0V, 3.3V, 5.0V, or 12.0V (±5%) from the system power supply to VPP1 or VPP2. Output voltage is selected by two digital inputs. Output current ranges up to 120mA. Four control states, VPP, VCC, high impedance, and active logic low are available. An auxiliary control input determines whether the high impedance (open) state or low logic state is asserted.



Features

• Complete PCMCIA VPP Switch Matrix in a Single IC

• No External Components Required

• Digital Selection of 0V, VCC, VPP, or High Impedance Output

• No VPP OUT Overshoot or Switching Transients

• Break-Before-Make Switching

• Low Power Consumption

• 120mA VPP (12V) Output Current

• Optional Active Source Clamp for Zero Volt Condition

• 3.3V or 5V Supply Operation

• 8-Pin SOIC Package



Applications

• PCMCIA VPP Pin Voltage Switch

• Power Supply Management

• Power Analog Switch



 




Similar Part No. - MIC2557

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2557 MICREL-MIC2557 Datasheet
52Kb / 8P
PCMCIA Card Socket VPP Switching Matrix Final Information
MIC2557BM MICREL-MIC2557BM Datasheet
52Kb / 8P
PCMCIA Card Socket VPP Switching Matrix Final Information
MIC2557BMR MICREL-MIC2557BMR Datasheet
52Kb / 8P
PCMCIA Card Socket VPP Switching Matrix Final Information
MIC2557BMT MICREL-MIC2557BMT Datasheet
52Kb / 8P
PCMCIA Card Socket VPP Switching Matrix Final Information
MIC2557 MICREL-MIC2557_11 Datasheet
52Kb / 8P
PCMCIA Card Socket VPP Switching Matrix Final Information
More results


Similar Description - MIC2557

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2557 MICREL-MIC2557_11 Datasheet
52Kb / 8P
PCMCIA Card Socket VPP Switching Matrix Final Information
logo
Linear Technology
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com