Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2558 Datasheet (PDF) - Micrel Semiconductor

MIC2558 Datasheet PDF - Micrel Semiconductor
Part # MIC2558
Download  MIC2558 Download
File Size   61.22 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PCMCIA Dual Card Socket VPP Switching Matrix

MIC2558 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2558 Datasheet PDF - Micrel Semiconductor

Part # MIC2558
Download  MIC2558 Click to download

File Size   61.22 Kbytes
Page   6 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PCMCIA Dual Card Socket VPP Switching Matrix

MIC2558 Datasheet (HTML) - Micrel Semiconductor


MIC2558 Product details

General Description
The MIC2558 Dual VPP Matrix switches the four voltages required by PCMCIA (Personal Computer Memory Card International Association) card VPP1 and VPP2 Pins. The MIC2558 provides selectable 0V, 3.3V, 5.0V, or 12.0V (±5%) from the system power supply to VPP1 and VPP2. Output voltage is selected by two digital inputs per VPP pin. Output current ranges up to 120mA. Four output states, VPP, VCC, high impedance, and active logic low are available, and VPP1 is independent of VPP2. An auxiliary control input determines whether the high impedance (open) state or low logic state is asserted.

Features
• Complete PCMCIA VPP Switch Matrix in a Single IC
• Dual Matrix allows independent VPP1 and VPP2
• Digital Selection of 0V, VCC, VPP, or High Impedance Output
• No VPPOUT Overshoot or Switching Transients
• Break-Before-Make Switching
• Ultra Low Power Consumption
• 120mA VPP (12V) Output Current
• Optional Active Source Clamp for Zero Volt Condition
• 3.3V or 5V Supply Operation
• 14-Pin SOIC Package

Applications
• PCMCIA VPP Pin Voltage Switch
• Power Supply Management




Similar Part No. - MIC2558

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2558BM MICREL-MIC2558BM Datasheet
60Kb / 8P
PCMCIA Dual Card Socket V Switching Matrix
MIC2558 MICREL-MIC2558_02 Datasheet
60Kb / 8P
PCMCIA Dual Card Socket V Switching Matrix
More results


Similar Description - MIC2558

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
PCMCIA Card Socket VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
PCMCIA Dual Card Socket VPP Switching Matrix
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2557 MICREL-MIC2557_11 Datasheet
52Kb / 8P
PCMCIA Card Socket VPP Switching Matrix Final Information
logo
Linear Technology
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
Protected PCMCIA VCC and VPP Switching Matrix
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com