Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN316 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN316
Description  clamping protection mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN316 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN316 Datasheet HTML 5Page - STMicroelectronics AN316 Datasheet HTML 6Page - STMicroelectronics AN316 Datasheet HTML 7Page - STMicroelectronics AN316 Datasheet HTML 8Page - STMicroelectronics AN316 Datasheet HTML 9Page - STMicroelectronics AN316 Datasheet HTML 10Page - STMicroelectronics AN316 Datasheet HTML 11Page - STMicroelectronics AN316 Datasheet HTML 12Page - STMicroelectronics AN316 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DocID3567 Rev 4
9/17
AN316
Speed
17
4.2
Connection effect
Figure 8. Example of PCB Layout
Figure 8 gives an example of a PCB Layout. On this portion of PCB, an integrated circuit
(IC1) is connected to outside equipment through the connector J1. A cable can be hot
plugged in J1 and then causes ESD on all the lines linked to J1. In this case the pin 2 of IC1
is connected to the pin 2 of the connector J1 and the Transil T1 assumes the protection of
this line.
When a surge occurs on pin 2 of the connector, this is clamped by T1. During the surge, the
remaining voltage at the pin 2 level of IC1 is the potential difference between both points A
and B.
In case of ESD, the rise time of the surge is within 1 ns and we have to take into account the
parasite inductances located between A and T1 (L1) and T1 and B (L2). So the remaining
voltage seen by the protected circuit is equal to the sum of the clamping voltage VCL of T1
and the voltage induced by L1 and L2.
In case of Figure 8, the Track length between A and T1 is 10mm and between T1 and B is
5 mm. We can estimate the parasitic inductance of the track at 1 nH/mm, so L1
≈ 10 nH and
L2
≈ 5 nH. The remaining voltage between A and B is equal to:
Equation 4
With
value measured during IEC 61000-4-2 8 kV contact discharge ESD Test.
In this case an extra voltage of 300 V is due to the PCB tracks. Figure 9 gives a solution to
this problem.
V
V
V
V
dt
di
L
L
V
CL
CL
CL
300
10
20
10
)
5
10
(
)
(
9
9
2
1
+
=
+
+
=
+
+
-
-
×
×
×
ns
A
dt
di
/
20
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com