Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN316 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN316
Description  clamping protection mode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN316 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN316 Datasheet HTML 9Page - STMicroelectronics AN316 Datasheet HTML 10Page - STMicroelectronics AN316 Datasheet HTML 11Page - STMicroelectronics AN316 Datasheet HTML 12Page - STMicroelectronics AN316 Datasheet HTML 13Page - STMicroelectronics AN316 Datasheet HTML 14Page - STMicroelectronics AN316 Datasheet HTML 15Page - STMicroelectronics AN316 Datasheet HTML 16Page - STMicroelectronics AN316 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID3567 Rev 4
13/17
AN316
Calculation example
17
Equation 9
Where VBRtyp = VBRmin / 0.95 = 34.05 V
5.1.5
Temperature correction
The voltage at 75 °C is:
Equation 10
This value is below the 50 V limit. This Transil ensures the protection.
5.2
Repetitive surges
We have to protect the transistor shown inFigure 11 with a Transil having its clamping
voltage, VCL which does not exceed 85 V.
5.2.1
Calculation method
To avoid a long calculation we assume that VCL ≈ VBR, which is true only in the case of
repetitive surges.
D
R
+
≈
)
(at
-
≤
V
V
A
84
.
39
)
(
5
.
11
32
05
.
35
4
.
48
5
.0
35
)
5
.
11
(at
=
×
-
+
≈
V
CL max
V
CL max
I
P
V
BRtyp
I
P
D
R
D
R
D
R
V
CL
V
CL
V
BR
IPP
V
CL
V
CL
×
V
V
C
CT
81
.
41
)
(
)]
25
75
(
1
[
84
.
39
)
75
(
)]
25
(
1
[
)
25
(
)
(
-
×
+
×
=
°
-
×
+
×
°
=
α
V
CL
V
CL
CL
V
CL
T
j
T
j
V
CL
V
CL
C)
75
(=
°
V
CL
V
CL
-
10
9
.
9
4
C
°
C
°C
°
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com