Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN319 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN319
Description  RELAY DRIVE PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN319 Datasheet(HTML) 2 Page - STMicroelectronics

  AN319 Datasheet HTML 1Page - STMicroelectronics AN319 Datasheet HTML 2Page - STMicroelectronics AN319 Datasheet HTML 3Page - STMicroelectronics AN319 Datasheet HTML 4Page - STMicroelectronics AN319 Datasheet HTML 5Page - STMicroelectronics AN319 Datasheet HTML 6Page - STMicroelectronics AN319 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AN319 APPLICATION NOTE
2/7
A solution is shown in Figure 2, circuit c, in which a Transil diode is put in series with the recovery device.
A much higher voltage is developed across the diode-Transil combination than across a single diode, thus
accelerating the current decay.
Figure 2. Relay Drive Protection
Note: (b) Recovery Diode.
(c) Diode and Transil.
Transil
The Transil is an avalanche diode specially designed to clamp overvoltages and dissipate power in impul-
sive mode. It also offers the possibility of considerable average power absorption. It is available in different
cases covering a wide range of voltages (5 to 600V).
Moreover, all the necessary data to calculate power parameters and to carry out temperature evaluation
(Zth, Rth, etc...) can be found in technical notes. So the Transil is perfectly suited to this application.
In the case of a steady state power supply we can consider three hypotheses:
Circuit d (Figure 3). This is an economic solution which requires a unidirectional Transil only, but the cur-
rent released by the inductance goes through the power supply and may affect the ground points.
Circuit c (Figure 2) and circuit e (Figure 3). The inductive discharge current only goes through the
LRD loop, thus is does not create disturbances in the ground points. This is a more expensive solution
since two diodes or one bidirectional Transil are necessary. In the case of an alternating sinusoidal supply
for low power, circuits e and f (Figure 3) are well suited to limit inductive overvoltages.
Comparison of the Current Decay Time in the Inductive Load Between the Recovery Diode and the
Transil Diode Schematics (see Figure 4)
The ratio t2/t1 represents the reduction in current decay time when a Transil is used.
b
L
R
A
D
c
L
R
A
D
T
t2 t1
⁄
1
11 4
,
VCL VCC
⁄
⋅
+
------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com