Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN319 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN319
Description  RELAY DRIVE PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN319 Datasheet(HTML) 4 Page - STMicroelectronics

  AN319 Datasheet HTML 1Page - STMicroelectronics AN319 Datasheet HTML 2Page - STMicroelectronics AN319 Datasheet HTML 3Page - STMicroelectronics AN319 Datasheet HTML 4Page - STMicroelectronics AN319 Datasheet HTML 5Page - STMicroelectronics AN319 Datasheet HTML 6Page - STMicroelectronics AN319 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AN319 APPLICATION NOTE
4/7
CONCLUSION
The Transil is a must in relay drive circuits. It guarantees a reliable and efficient protection while reducing
the delay between the coil drive turn-off and the contact release.
EXAMPLE OF APPLICATION: CALCULATION AND CHOICE OF A TRANSIL
We wish to protect the transistor in Figure 5 by a Transil whose clamping voltage must not under any cir-
cumstances exceed VCL = 85V The clamping voltage is given by:
VCL = VBR + Rd IC
In the case of repetitive overload, the current is small enough such that the Rd Ic term can be neglected.
Thus VCL approximates to:
VCL = VBR
The calculation is therefore simplified, and the Transil can be selected according to its thermal resistance.
Mean Power Determination: PAV
A rough value can be obtained by assuming that all the energy contained in the inductance is absorbed
by the Transil.
This is true when VBR >> VCC.
Stand Off Voltage Selection
The supply voltage varies between 9.6V and 14.4V.
The stand off voltage of the diode VRM will be
therefore be greater than or equal to 14.4V.
VCL Determination
From the data sheets we can see that for a low
current, VCL = VBR.
Tj Calculation
Tj = Tamb + PAV x Rth = 50 + 90 = 140°C < Tj max (150°C)
This value is consistent with the characteristics of the BZW04- 61B Transil (F 126 case) but the safety
margin is somewhat low, so a device from the 1500 W series is preferable as a first choice.
{ 1.5 KE 75CP (CB– 429 case): VBR max = 82.5V, Rth = 75°C/W, VRM = 64.1V > 14.4V
Tj = 50 + 68 = 118°C Tj max = 175°C
Temperature Correction
Voltage at 118°C is:
VCL (118°C) = VCL (25°C) [1 + αT (118 - 25)] = [1 + 10.5 x 10-4 (93)] 82.5 = 90.5V
This value is too high.
Definitive Choice
1.5 KE 68CP: VBR max = 74.8V, VRM = 58.1V > 14.4V
VCL (118°C) = 1.098 x 74.8 = 82.5V
⇒ 1.5 KE 68CP is suitable.
PAV
1
2
---
LI
2 f
⋅⋅
1
2
---
035
12 24
+
45
------------------


2
50
⋅⋅
⋅
09W
==
=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com