Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN320 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN320
Description  In the field of parallel protection, the devices used have two main functions in transient operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN320 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN320 Datasheet HTML 2Page - STMicroelectronics AN320 Datasheet HTML 3Page - STMicroelectronics AN320 Datasheet HTML 4Page - STMicroelectronics AN320 Datasheet HTML 5Page - STMicroelectronics AN320 Datasheet HTML 6Page - STMicroelectronics AN320 Datasheet HTML 7Page - STMicroelectronics AN320 Datasheet HTML 8Page - STMicroelectronics AN320 Datasheet HTML 9Page - STMicroelectronics AN320 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Trisil characteristics
AN320
6/13
Doc ID 5649 Rev 3
1.4
Behavior in case of current surges
The ability of semiconductor components to withstand high currents in transient operation is
limited for pulses longer than 10 ns by a second breakdown due to heat. This phenomenon,
although not destructive, is considered as the normal utilization limit in so far as the behavior
of the component depends on the external circuit.
The temperature rise within the semiconductor is thus the parameter which defines the
behavior of the component and its capacity to withstand current surges. It is given by
Equation 1:
Equation 1:
Tj = TA + ZTH VON x IRS
With
Tj: instant temperature at the junction level
TA: ambient temperature
ZTH: transient thermal impedance (as a function of the duration of the pulse)
VON: voltage across the terminals of the component in the conducting state
IRS: transient current flowing through the component
This equation clearly shows the advantage of the Trisil. A decrease in the voltage across its
terminals enables it to conduct a much higher current than the avalanche diode for the same
junction temperature. Since the voltage to be taken into consideration for the calculation is
that in the conducting state, the permitted current levels in transient operation are
independent of the avalanche voltage and the guaranteed values are identical for all the
types of a given series (see Figure 8).
Figure 8.
Comparison of the limited transient currents for a Transil and a Trisil in
the similar cases (SMB).
The maximum junction temperature taken into account in transient operation is not that
given in the catalogues (junction temperature in operation or in storage) but corresponds,
with a certain safety margin, to the second breakdown due to thermal causes, i.e. about
350-400 °C.
This high current capacity can be applied in AC operation at the 50 Hz industrial frequency
(see Figure 9), which is particularly interesting in telephony where equipment should be
protected against overvoltages resulting from accidental coupling of the telephone line with
VBR(V)
IPP(A)
Trisil
8/20µs
Transil
8/20µs
Trisil
10/1000µs
Transil
10/1000µs
0
20
40
60
80
100
120
140
160
50
100
150
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com