Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN320 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN320
Description  In the field of parallel protection, the devices used have two main functions in transient operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN320 Datasheet(HTML) 2 Page - STMicroelectronics

  AN320 Datasheet HTML 1Page - STMicroelectronics AN320 Datasheet HTML 2Page - STMicroelectronics AN320 Datasheet HTML 3Page - STMicroelectronics AN320 Datasheet HTML 4Page - STMicroelectronics AN320 Datasheet HTML 5Page - STMicroelectronics AN320 Datasheet HTML 6Page - STMicroelectronics AN320 Datasheet HTML 7Page - STMicroelectronics AN320 Datasheet HTML 8Page - STMicroelectronics AN320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Trisil characteristics
AN320
2/13
Doc ID 5649 Rev 3
1
Trisil characteristics
1.1
Electrical characteristic
The electrical characteristic of the Trisil is similar to that of a Triac (see Figure 1) except that
the component has only two terminals.
Triggering in this case is not done via a gate but by an internal mechanism dependent on the
current flowing through it.
1.2
Operation seen from the outside
In normal operation, the Trisil is biased at a voltage lower than or equal to the standby
voltage (VRM). At that point of the characteristic, the leakage current is about 10 nA and the
presence of the Trisil connected across the equipment to be protected does not disturb its
operation (see Figure 2).
The characteristic data at this point includes:
Leakage current
Electrical capacity
Reliability of the component in blocking mode
Figure 2.
Stand by characteristics
As the voltage increases beyond VBR, the Trisil impedance drops from practically infinite to a
few ohms. The Trisil remains biased at its avalanche voltage and its operation is then
identical to that of a Transil diode (see Figure 3).
The characteristic parameters at this level are the limiting voltage (breakover voltage of the
component, VBO) and the time for switching between the blocked and conducting states.
I
IRM
0
V
VRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com