Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN555 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN555
Description  AUTOMOTIVE PROTECTION WITH THE RBOxx SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN555 Datasheet(HTML) 3 Page - STMicroelectronics

  AN555 Datasheet HTML 1Page - STMicroelectronics AN555 Datasheet HTML 2Page - STMicroelectronics AN555 Datasheet HTML 3Page - STMicroelectronics AN555 Datasheet HTML 4Page - STMicroelectronics AN555 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
AN555
Diode D1 protects against a reversed battery, while the "Transil" clamping device T2 suppresses positive
surges. Negative surges are blocked up to the breakdown voltage of the bidirectional clamp T1. Larger
negative surges are suppressed by T1 in avalanche breakdown in series with T2 forward-biased. Figure
4 shows the basic application of the RBOxx.
Figure 4. RBO basic application
Note that as the voltage across D1 is clamped by T1, the VRRM of the diode is no longer a concern. The
clamping voltage is the same as that of T2, given by the yy digits in the part number of the form RBOxx-
yy. The xx digits indicate the average forward current between pins 1 and 3.
Two devices are available at the time of writing: the RBO08-40 and the RBO40-40. The latter device is
specifically designed to protect against "load dump" surges due to the greater power capability of T2, while
the RBO08-40 is adequate for suppressing the other overvoltages present.
The presence of T1 makes possible an elegant solution to the motor driver protection. The RBOxx replac-
es the three protection components shown in Figure 2 and protects the motor driver circuit in the same
way.
CONCLUSION
A car power supply network is often contaminated with voltage surges potentially damaging to the semi-
conductor circuits present. The STMicroelectronics family of RBOxx protection devices enables full pro-
tection from these surges with the minimum component count.
D1
T1
T2
CAR ELECTRONIC MODULE
PROTECTED
+12 V
+12 V
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com