Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN555 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN555
Description  AUTOMOTIVE PROTECTION WITH THE RBOxx SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN555 Datasheet(HTML) 1 Page - STMicroelectronics

  AN555 Datasheet HTML 1Page - STMicroelectronics AN555 Datasheet HTML 2Page - STMicroelectronics AN555 Datasheet HTML 3Page - STMicroelectronics AN555 Datasheet HTML 4Page - STMicroelectronics AN555 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
May 2004
AN555
APPLICATION NOTE
AUTOMOTIVE PROTECTION
WITH THE RBOxx SERIES
REV. 2A - 3585
INTRODUCTION
The harsh electrical environment in automobiles poses problems for the electronic modules present. Even
in normal operation, large positive and negative overvoltages due to switch bounce, ignition coil switching
and other phenomena are a potential cause of destruction. An additional hazard is the possibility of supply
reversal, perhaps caused by faulty wiring. Another danger is the "load dump" effect, caused by battery
disconnection while the engine is running. This causes the energy stored in the alternator coils to manifest
itself as an 80 V transient lasting around 300 ms : lethal to semiconductor circuits. See application note
4.1: "Protection standards in automotive applications" for more details.
Protection is therefore required, which can be centralized or distributed. Centralized protection attempts
to suppress disturbances at their source, for example crowbar devices at the alternator to counter the load
dump effect. Distributed protection aims to dissipate disturbances at their destination. Components per-
forming this function are present in the electronic modules themselves and are thus relatively numerous.
The RBOxx (Reversed Battery and Overvoltage) series of protection devices from STMicroelectronics has
been designed to reduce this distributed protection component count.
Figure 1. Classical protection circuit
CLASSICAL DISTRIBUTED PROTECTION
The circuit shown in Figure 1 protects the module against battery reverse as well as impulsive and con-
tinuous overvoltages, both positive and negative. In addition, overvoltages generated by the module are
prevented from reaching the car supply network. Rs, in cases where it can be used, limits the power dis-
sipated in the protection device P. Note that diode D is used in reverse-bias to block negative overvoltag-
es, so its peak reverse voltage limit (VRRM) must be taken into account.
Motor driver protection is complicated by the presence of transistor circuits which control the direction and
magnitude of current flow through the motor. A bidirectional clamping device needs to be added in order
to ensure protection of both halves of this circuit. (see Figure 2).
ELECTRONIC
MODULE
V
Bat
R
S
D
P


Similar Part No. - AN555

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN555 SILABS-AN555 Datasheet
1Mb / 38P
Si483X-B/Si4820/24 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Panasonic Semiconductor
AN5551 PANASONIC-AN5551 Datasheet
44Kb / 2P
Pin-Cushion Compensation IC
logo
List of Unclassifed Man...
AN5551 ETC2-AN5551 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - AN555

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F64820100ZCOG ZILOG-Z8F64820100ZCOG Datasheet
1Mb / 48P
Power to the Board with overcurrent protection
logo
Diodes Incorporated
AL8805EV2 DIODES-AL8805EV2 Datasheet
98Kb / 8P
The input bridge rectifier provides the board with reverse battery protection.
AUGUST 2010
AL8807EV2 DIODES-AL8807EV2 Datasheet
1Mb / 8P
The input bridge rectifier provides the board with reverse battery protection.
FEBRUARY 2012
AL8808EV1 DIODES-AL8808EV1 Datasheet
157Kb / 8P
The input bridge rectifier provides the board with reverse battery protection
JANUARY 2013
logo
STMicroelectronics
ECMF4-2459A6M10Y STMICROELECTRONICS-ECMF4-2459A6M10Y Datasheet
3Mb / 12P
Automotive common mode filter with ESD protection
20-Oct-2020
logo
ON Semiconductor
NIV1241 ONSEMI-NIV1241 Datasheet
230Kb / 8P
ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 0
logo
STMicroelectronics
ECMF04-4HSWM10Y STMICROELECTRONICS-ECMF04-4HSWM10Y Datasheet
2Mb / 12P
Automotive common mode filter with ESD protection
17-Dec-2019
logo
ON Semiconductor
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
logo
Nisshinbo Micro Devices...
R1163N NISSHINBO-R1163N Datasheet
887Kb / 35P
3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com