Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN578 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN578
Description  POWER CROSSING BEHAVIOUR OF LINE CARD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN578 Datasheet(HTML) 2 Page - STMicroelectronics

  AN578 Datasheet HTML 1Page - STMicroelectronics AN578 Datasheet HTML 2Page - STMicroelectronics AN578 Datasheet HTML 3Page - STMicroelectronics AN578 Datasheet HTML 4Page - STMicroelectronics AN578 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN578
2/5
Figure 2. Voltage and current for a non-firing device
b) In the second operating region the LCPxxx fires and the piece under test is still functional after 15 min-
utes.
– Figure 3.1 shows the start of the firing (the peak of the current wave through the device is just over the
latching limit).
– Figure 3.2 the amplitude of the current wave through the device is greater than in the precedent case,
so the device is well fired after a few hundred microseconds.
c) In the third operating region the device has been destoyed in a time depending on the current through
the LCPxxx.
Figure 3. Equivalent circuit of both driver and receiver adjacent lines
0V
-48V
0A
Voltage between line A and GND.
Current through the line A
0V
-48V
0V
-48V
3.1 With I slightly higher than I latch.
3.2 With I considerably higher than I latch.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com