Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN578 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN578
Description  POWER CROSSING BEHAVIOUR OF LINE CARD PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN578 Datasheet(HTML) 3 Page - STMicroelectronics

  AN578 Datasheet HTML 1Page - STMicroelectronics AN578 Datasheet HTML 2Page - STMicroelectronics AN578 Datasheet HTML 3Page - STMicroelectronics AN578 Datasheet HTML 4Page - STMicroelectronics AN578 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
AN578
ANALYSIS
Table 1. Operating Region Definition
Table 1 shows the range of the three operating regions, while Figure 4, which illustrates region C, allows
us to determine the destruction time limit of each device versus the current through the structure (RMS
current at 25°C).
Figure 4. Characteristics of Region C (With Vgate = -48 V)
CONCLUSION
Figure 4: The devices in the LCPxxx family have common characteristics, divided into three regions:
a) Clamping mode, still functional after 15 minutes
b) Crowbar mode (firing) still functional after 15 minutes of test at 25°C
c) Crowbar mode, with a destruction time defined by Figure 4.
The given curves enable the appropriate series elements to be chosen, for example a PTC device.
OPERATING REGION
LCP 150
LCP 1512
LCP 1511
A/clamping
0 to 70 mA *
O to 70 mA *
O to 70 mA *
B/non destructive region
0.07 to 2 A *
0.07 to 1.2A*
0.07 to 0.8A *
C/destructive region
Over 2 A *
Over 1.2 A *
Over 0.8 A *
* RMS current
LCP150 / 1511 / 1512
0,5
1
2
5
10
20
50
100
0,5
1
2
5
10
20
t(S)
I(Arms)
LCP150
LCP1512
LCP1511



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com