Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN585 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN585
Description  ISDN INTERFACE PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN585 Datasheet(HTML) 1 Page - STMicroelectronics

  AN585 Datasheet HTML 1Page - STMicroelectronics AN585 Datasheet HTML 2Page - STMicroelectronics AN585 Datasheet HTML 3Page - STMicroelectronics AN585 Datasheet HTML 4Page - STMicroelectronics AN585 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
April 2004
AN585
APPLICATION NOTE
ISDN INTERFACE PROTECTION
REV. D2A - 3597
INTRODUCTION
The choice of a suitable protection device for an ISDN line interface requires consideration of a parameter
which is not critical in analogue line applications: the parasitic capacitance that the device introduces. Be-
cause of the high data rates used, parasitic capacitances must be minimized in order to ensure correct
signal transmission. In particular, attention must be paid to the capacitance imbalance in the line which
can cause considerable signal degradation. Such imbalance most frequently results from the presence of
common-mode protection, in which the capacitance introduced between each line and earth is frequently
unequal.
STMicroelectronics has developed a complete range of specific protection devices for ISDN applications:
the "TRIBALANCED PROTECTION" TPIxx series.
These devices introduce only a minimum of capacitance imbalance (30pF), which does not affect the
transmission performance of the line.
TRIBALANCED PROTECTION = TPIXX SERIES
The use of TRIBALANCED protection is mandatory under the following conditions:
– The bias voltage on line A and line B is different (line A = GND, Line B = –Vbat)
– The protection is realized in common mode, as illustrated in Figure 1 (b).
In this case, two conditions must be satisfied:
1. Low capacitance from line to ground → No signal attenuation.
2. Good capacitance balance between line a and line b → Good longitudinal balance on the line.
Figure 1. ISDN interface protection
U INTERFACE
OR
S INTERFACE
U INTERFACE
OR
S INTERFACE
(a)
FLOATING GROUND
U INTERFACE
OR
S INTERFACE
U INTERFACE
OR
S INTERFACE
(b)
ABSOLUTE GROUND REFERENCE
TPIxx


Similar Part No. - AN585

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5850 PANASONIC-AN5850 Datasheet
177Kb / 4P
AN5850 TV Signal Switching Circuit
AN5858 PANASONIC-AN5858 Datasheet
63Kb / 8P
Color-TV AV-Switch IC
AN5858K PANASONIC-AN5858K Datasheet
63Kb / 8P
Color-TV AV-Switch IC
More results

Similar Description - AN585

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC8966D BEL-APC8966D Datasheet
74Kb / 2P
ISDN S Interface Hybrid
APC14112E BEL-APC14112E Datasheet
130Kb / 1P
ISDN S Interface Hybrid
APC14131E BEL-APC14131E Datasheet
80Kb / 1P
ISDN S Interface Hybrid
0559-5683-00 BEL-0559-5683-00 Datasheet
54Kb / 1P
ISDN U INTERFACE TRANSFORMERS
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
ISDN S-Interface Transformer
PT71949 BOURNS-PT71949 Datasheet
164Kb / 1P
ISDN S Interface Transformer
logo
PCA ELECTRONICS INC.
EPA3317 PCA-EPA3317 Datasheet
22Kb / 1P
ISDN S-Interface Transformer
EPR1101 PCA-EPR1101 Datasheet
27Kb / 1P
ISDN U Interface Transformers
EPR1102 PCA-EPR1102 Datasheet
51Kb / 1P
ISDN U Interface Transformers
logo
XFMRS Inc.
XFISDNU-08A XFMRS-XFISDNU-08A Datasheet
73Kb / 1P
ISDN U-INTERFACE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com