Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN585 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN585
Description  ISDN INTERFACE PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN585 Datasheet(HTML) 2 Page - STMicroelectronics

  AN585 Datasheet HTML 1Page - STMicroelectronics AN585 Datasheet HTML 2Page - STMicroelectronics AN585 Datasheet HTML 3Page - STMicroelectronics AN585 Datasheet HTML 4Page - STMicroelectronics AN585 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN585 APPLICATION NOTE
2/5
ISDN PROTECTION - PRODUCT RANGE
STMicroelectronics offers specific protection devices for ISDN interface protection. The product range is
given in Table 1, which shows that this function is available with different package versions.
Discrete and monolithic versions are available, in order to provide a wide choice of cost/performance com-
promises.
Depending on the solution chosen, different recommendations apply with regard to the optimum configu-
ration to use. Figure 2 illustrates the typical application schematic for TRIBALANCED PROTECTION.
When the discrete solution is used, three components per line are necessary.
Table 1. Tribalanced protection - product range
Figure 2. Tribalanced protection - functional schematic
APPLICATION SCHEMATICS
Figure 3 and 4 illustrate the use of tribalanced protection in a u-interface and an s-interface respectively.
In each case there is the choice of a discrete solution (SMTHDTxx or TPUxx) where a high surge capability
is required, or a single-chip solution for low cost (TPIxx). Thus cost a nd performance can be traded in a
variety of combinations. All of these components are innovative and ideal for use in high-speed transmis-
sion lines.
DISCRETE SOLUTION
(3 devices per line)
MONOLITHIC DEVICES
SOD15 / CB429
SO8 / DIL8
HIGH SURGE CAPABILITY
75A 10/1000 msec
MEDIUM SURGE CAPABILITY
30A 10/1000 msec
SMTHDT58 / TPU58
SMTHDT80 / TPU80
SMTHDT120 / TPU120
TPI8011P / TPI8012P
TPI12011P / TPI12012P
LOW CAPACITANCE LINE/GND
MONOLITHIC
SOLUTION
TPIxx
DISCRETE
SOLUTION
3 x SMTHDTXX / 3 x TPUxx
GOOD CAPACITANCE BALANCE A/LINE B
GOOD LONGITUDINAL BALANCE ON THE LINE
NO SIGNAL ATTENUATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com