Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4721 Datasheet(PDF) 11 Page - NEC

Part # UPD4721
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4721 Datasheet(HTML) 11 Page - NEC

Back Button UPD4721 Datasheet HTML 7Page - NEC UPD4721 Datasheet HTML 8Page - NEC UPD4721 Datasheet HTML 9Page - NEC UPD4721 Datasheet HTML 10Page - NEC UPD4721 Datasheet HTML 11Page - NEC UPD4721 Datasheet HTML 12Page - NEC UPD4721 Datasheet HTML 13Page - NEC UPD4721 Datasheet HTML 14Page - NEC UPD4721 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
µPD4721
Note 16. Measuring point
Note 17. Measuring point
Receiver outputs are indefinite during reset release time (tPRA).
Receiver outputs are indefinite during reset release time (tPRA).
REFERENCE MATERIAL
• IC PACKAGE MANUAL (C10943X)
• NEC SEMICONDUCTOR DEVICE RELIABILITY/QUALITY (IEI-1212)
0 V
VOH
VOL
3.3 V
VCC
ROUT
3.0 V
0.8 V
tPRA
0 V
VOH
VOL
5 V
VCC
ROUT
4.5 V
0.8 V
tPRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com