Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD4721 Datasheet(PDF) 12 Page - NEC

Part # UPD4721
Description  RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4721 Datasheet(HTML) 12 Page - NEC

Back Button UPD4721 Datasheet HTML 8Page - NEC UPD4721 Datasheet HTML 9Page - NEC UPD4721 Datasheet HTML 10Page - NEC UPD4721 Datasheet HTML 11Page - NEC UPD4721 Datasheet HTML 12Page - NEC UPD4721 Datasheet HTML 13Page - NEC UPD4721 Datasheet HTML 14Page - NEC UPD4721 Datasheet HTML 15Page - NEC UPD4721 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
µPD4721
RECOMMENDED SOLDERING CONDITIONS
The following conditions (See table below) must be met when soldering this product.
Please consult with our sales offices in case other soldering process is used, or in case soldering is done
under different conditions.
TYPES OF SURFACE MOUNT DEVICE
For more details, refer to our document “SMT MANUAL” (C10535E).
µPD4721 GS-GJG
Soldering process
Soldering conditions
Symbol
Peak package’s surface temperature: 230
°C or below,
Infrared ray reflow
Reflow time: 30 seconds or below (210
°C or higher),
IR30-00-2
Number of reflow process: 2, Exposure limit*: None
Peak package’s surface temperature: 215
°C or below,
Reflow time: 40 seconds or below (200
°C or higher),
VPS
Number of reflow process: 2,
VP15-00-2
Exposure limit*: None
Solder Temperature: 260
°C or lower,
Reflow time: Within 10 sec,
Wave soldering
Number of reflowprocess: 1,
WS60-00-1
Exposure limit*: None
Terminal temperature: 300
°C or below,
Partial heating method
Flow time: 10 seconds or below,
Exposure limit*: None
*
Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25
°C and relative humidity at 65 % or less.
Note
Do not apply more than a single process at once, except for “Partial heating method”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com