Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2344 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 9Page - STMicroelectronics AN2344 Datasheet HTML 10Page - STMicroelectronics AN2344 Datasheet HTML 11Page - STMicroelectronics AN2344 Datasheet HTML 12Page - STMicroelectronics AN2344 Datasheet HTML 13Page - STMicroelectronics AN2344 Datasheet HTML 14Page - STMicroelectronics AN2344 Datasheet HTML 15Page - STMicroelectronics AN2344 Datasheet HTML 16Page - STMicroelectronics AN2344 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN2344
Datasheet avalanche ratings
13/27
Figure 7.
Triangular pulse thermal response
Starting from this model, the experimental verification is made looking to the VDS shape
during the avalanche. In fact the breakdown voltage of the device is not constant when
varying the temperature and the current.
The variation of the blocking voltage with the current is nearly linear, and this resistance is
specific to the die size per a given set of design rules, the epitaxial layer, and the package.
Figure 8. shows the measured characteristic of BVDSS versus the ID for a 700V device. The
voltage variation with the temperature is positive as well, and the variation depends on the
structural characteristics of the silicon die. By taking these items into account, the TJ can be
extrapolated from the VDS curve.
Figure 8.
BVDSS vs ID
Figure 9. shows the actual VDS curve during an avalanche, where the increase of VDS
observed is due to the rise of the silicon temperature. Figure 9. also shows the waveforms
for the same device as it is subjected to different coils (i.e. different energy levels) at the
same peak current.
The different VDS shapes are due to different maximum temperatures reached by the
junction. The linear relationship of the VDS with the die temperature becomes clear when
comparing the VDS quasi-parabolic shape to the temperature profile for a triangular power
pulse (see Figure 7.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com