Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2344 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2344
Description  Power MOSFET avalanche characteristics and ratings
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2344 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2344 Datasheet HTML 10Page - STMicroelectronics AN2344 Datasheet HTML 11Page - STMicroelectronics AN2344 Datasheet HTML 12Page - STMicroelectronics AN2344 Datasheet HTML 13Page - STMicroelectronics AN2344 Datasheet HTML 14Page - STMicroelectronics AN2344 Datasheet HTML 15Page - STMicroelectronics AN2344 Datasheet HTML 16Page - STMicroelectronics AN2344 Datasheet HTML 17Page - STMicroelectronics AN2344 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Datasheet avalanche ratings
AN2344
14/27
Figure 9.
VDS/ID shapes with the Coil during the UIS
3.3.1
EAR (Energy during avalanche for repetitive pulse)
Often stated in the datasheet, this value is defined as the energy at IAR during repetitive
operation, and the value is usually calculated with a 10KHz power pulse train with a 50%
duty cycle and the nominal power rating of the device (see Equation 3).
Equation 3
For instance, if the available power of the MOSFET (PD in the datasheet) is 150W, the EAR
should be equal to 15mJ. However, this value is redundant and not very useful for the
design, as it gives very poor information about the maximum energy to be dissipated and
keep TJ below TJ(max). A quick way to evaluate the temperature during avalanche is to take
into account the extra power dissipation introduced by the repetitive avalanche, and to
calculate the heat sink size required to dissipate it. Because of a triangular pulse:
Equation 4
And the additional average power to be dissipated is expressed as:
Equation 5
where,
f= Frequency (see Equation 3),
tAV= Avalanche time,
V= Peak voltage, and
I= Peak current
EAR=power/f
E
1
2
---VI
t
AV
•
=
P
AV
Ef
•
1
2
---VI
t
AV
•
f
•
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com