Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2454 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2454
Description  Universal input voltage power supply for ESBT based breaker and metering applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2454 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2454 Datasheet HTML 9Page - STMicroelectronics AN2454 Datasheet HTML 10Page - STMicroelectronics AN2454 Datasheet HTML 11Page - STMicroelectronics AN2454 Datasheet HTML 12Page - STMicroelectronics AN2454 Datasheet HTML 13Page - STMicroelectronics AN2454 Datasheet HTML 14Page - STMicroelectronics AN2454 Datasheet HTML 15Page - STMicroelectronics AN2454 Datasheet HTML 16Page - STMicroelectronics AN2454 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN2454
Active start-up circuit
13/24
Equation 14
The closest commercial value available for R15 is 3.3 kΩ.
7
Active start-up circuit
A non-dissipative, active start-up circuit has been implemented to optimize converter
efficiency. The alternative option to use a pure resistive start-up circuit was rejected
because total converter efficiency would have been extremely low due to the low output
power (2 W).
To select the components of the start-up circuit, the following steps should be followed:
1.
Find the minimum start-up current (IUC3845B-start-up) required by the IC driver. Referring
to datasheet UC3845B, IUC3845B-start-up has a value of 0.5 mA.
2.
Set the maximum start-up resistance (Rstart-upmax), paying particular attention to the
driver consumption (see above) and using Equation 15 below.
3.
Set the start-up capacitor according to the start-up and UVLO threshold of the
UC3845B and total consumption during start-up time (i.e. the time between the points
when start-up threshold and output and auxiliary steady state voltage are reached).
4.
Verify the relevant start-up time and test the wake-up time.
5.
Fine tune the necessary components. For example, if wake-up time is too long the
start-up resistors need to be reduced. If start-up time is too long C3 (capacitor 3) in
Figure 1 may need to be increased.
Using Equation 15 the maximum start-up resistance (Rstart - upmax) may be calculated:
Equation 15
The additional power dissipation (PRstart) due to the start-up circuit at maximum input
voltage may then be calculated using Equation 16.
Equation 16
However, when Vdc = Vdcmax = 1200 V, a value of 4.8 W is unacceptable since the maximum
output power is 2 W.
This problem cannot be solved even if the IC driver is replaced by the L6565 which uses a
much lower start-up current. Referring to datasheet L6565, IL6565-start-up has a value of 70
µA. Substituting into Equation 17, Equation 18, a value of 0.66 W for the additional power
dissipation is still too high since it represents about 33% of total output power.
R
15
15V
4.4mA
------------------
3.4k
Ω
=
=
R
start
upmax
–
V
dcmin
I
UC3845
start
–
up
–
---------------------------------------------
300k
Ω
=
=
P
Rstart
1200
2
300
10
3
•
-------------------------
4.8W
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com