Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2454 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2454
Description  Universal input voltage power supply for ESBT based breaker and metering applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2454 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2454 Datasheet HTML 16Page - STMicroelectronics AN2454 Datasheet HTML 17Page - STMicroelectronics AN2454 Datasheet HTML 18Page - STMicroelectronics AN2454 Datasheet HTML 19Page - STMicroelectronics AN2454 Datasheet HTML 20Page - STMicroelectronics AN2454 Datasheet HTML 21Page - STMicroelectronics AN2454 Datasheet HTML 22Page - STMicroelectronics AN2454 Datasheet HTML 23Page - STMicroelectronics AN2454 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN2454
Bill of material
21/24
Appendix A
Bill of material
Table 3.
Bill of material
Reference
Quantity
Value/part number
Description
C1
1
ESF227M035AH2AA
Electrolytic capacitor, 220
µF/35 V,
ARCOTRONICS
C2, C5, C6
3
ESZ336M450AM2AA
Electrolytic capacitor, 33
µF/450 V,
ARCOTRONICS
C3
1
ESF337M025AH2AA
Electrolytic capacitor, 330
µF/25 V,
ARCOTRONICS
C4
1
ESW476M025AC3AA
Electrolytic capacitor, 47
µF/25 V,
ARCOTRONICS
C7
1
10 nF low voltage
Polyester capacitor, 50 V
C8
1
100 pF low voltage
Polyester capacitor, 50 V
C9
1
820 pF low voltage
Polyester capacitor, 50 V
C10
1
12 nF low voltage
Polyester capacitor, 50 V
C11
1
R82DC3100AA50M
Polyester capacitor, 100 nF/63 V,
ARCOTRONICS
CON2
1
Bipolar connector
CON3
1
Tripolar connector
R1, R4, R7,
R9, R11, R12
6
5.6 M
Ω
Resistor, carbon film, 200 V, 0.125 W, 5 %
R2, R5, R8,
R10, R24,
R25
610 k
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %
R3
1
1
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %
R6, R22
2
10 K
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %
R13
1
680 k
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %
R14
1
16 k
Ω
Resistor, metal film, 250 V, 0.25 W, 1 % - for
fine tuning
R15
1
3.3 k
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %
R16
1
150 K
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %
R17
1
22
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %
R18
1
2.2 k
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %
R19
1
1 k
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %
R20
1
100 k
Ω
Resistor, metal film, 250 V, 0.25 W, 1 % - for
fine tuning
R21
1
3.9 k
Ω
Resistor, metal film, 250 V, 0.25 W, 1 % - for
fine tuning
R23
1
6.8
Ω
Resistor, carbon film, 250 V, 0.25 W, 5 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com