Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3031 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3031 Datasheet HTML 18Page - STMicroelectronics AN3031 Datasheet HTML 19Page - STMicroelectronics AN3031 Datasheet HTML 20Page - STMicroelectronics AN3031 Datasheet HTML 21Page - STMicroelectronics AN3031 Datasheet HTML 22Page - STMicroelectronics AN3031 Datasheet HTML 23Page - STMicroelectronics AN3031 Datasheet HTML 24Page - STMicroelectronics AN3031 Datasheet HTML 25Page - STMicroelectronics AN3031 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Thermal management
AN3031
22/28
Doc ID 16144 Rev 1
and
Equation 11
P = 7 x [(VIN – VF) x IIN] + VC x IC – VDD x IDD + VREV x IREV = 7 x [(24 V-1.9 V) x 2.7 mA]
+ 24 V x 6 mA – 5 V x 4.5 mA + 0.7 V x 13 mA = 548 mW
If we consider the same conditions as those above, maximum ambient temperature of 100
°C, we must achieve a thermal resistance lower than 91 °C / W. The SCLT3-8BT8 works
correctly at these conditions. Connecting the input in reverse polarity conditions, the total
power dissipation decreases. It allows biasing of all the SCLT3-8BT8 inputs by reverse
polarity current without risk of component damage.
Special care must be taken on the serial resistor ratings. During normal operation/worst-
case conditions, the power ratings of the serial resistors are:
●
16 mW for input serial resistors (RIN)
●
36 mW for supply serial resistor (RC)
During a reverse polarity connection at 25 °C, the resistors must be able to dissipate:
372 mW - input serial resistors (RIN)
858 mW - supply serial resistor (RC)
To increase the reliability of the resistors, considering long-term reverse polarity, the
following options are suggested:
1.
Parallel connection of two (or more) resistors
2.
Use of high power-rating resistors
3.
Reverse polarity diode connection in series with RC resistor
At point 3 above, it is important to either choose the diode with a VR rating higher than the
required surge immunity voltage (e.g. 1 or 2 kV), or to use additional Transil
™ protection
(bidirectional) at the application supply voltage terminal (e.g. SM15T36CA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com