Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3031 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3031
Description  SCLT3-8 input termination demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3031 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3031 Datasheet HTML 19Page - STMicroelectronics AN3031 Datasheet HTML 20Page - STMicroelectronics AN3031 Datasheet HTML 21Page - STMicroelectronics AN3031 Datasheet HTML 22Page - STMicroelectronics AN3031 Datasheet HTML 23Page - STMicroelectronics AN3031 Datasheet HTML 24Page - STMicroelectronics AN3031 Datasheet HTML 25Page - STMicroelectronics AN3031 Datasheet HTML 26Page - STMicroelectronics AN3031 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AN3031
EMC requirements
Doc ID 16144 Rev 1
23/28
6
EMC requirements
6.1
Procedure to evaluate the robustness of the SCLT3-8BT8
The reference for evaluating the robustness of the SCLT3-8BT8 device is the IEC 61131-2
international standard. This international standard provides all requirements and test
conditions applicable to programmable logic controllers (PLCs) and their associated
peripherals.
The IEC 61131-2 standard specifies the electromagnetic compatibility (EMC) requirements
and the nature of the tests to perform in to determine if the system meets these
requirements. The levels of each test depend on the zone where the system will be installed.
The most typical industrial environmental levels correspond to zone B: local power
distribution zone and dedicated power distribution zone (see table 28: “EMC immunity
zones” of the IEC 61131-2-Ed2 standard). The following paragraphs recall the test levels for
this zone.
6.2
ESD tests (according to IEC 61000-4-2)
The electrostatic discharge test shall be applied to operator accessible devices. This means
that these tests have to be performed on each connector pin. The required levels are: air
discharge: ±8 kV contact discharge: ±4 kV.
The PLC system shall continue to operate as intended. Temporary degradation of the
performance is acceptable during the test, but the system must recover by itself after the
test (criteria “B” according to the IEC61131-2 standard).
6.3
Burst tests (according to IEC 61000-4-4)
The fast transient burst tests must be applied on all input pins of the system. A capacitive
clamp-coupling device (50-200 pF) must be used as described in the IEC 61000-4-4
standard. The required burst voltage levels are: analog or DC I/O: ±1 kV, DC power line: ±2
kV. The PLC system shall continue to operate as intended. Temporary degradation of the
performance is acceptable during the test, but the system must recover by itself after the
test (criteria “B” according to the IEC 61131-2 standard).
6.4
Surge test (according to IEC 61000-4-5)
Since the voltage surge consists of a single but energetic pulse, the SCLT3-8BT8 device
embeds an overvoltage protection on each point. The absorbed energy complies at least
with the requirements of the IEC 61131-2 standard. The high energy surge test must be
applied on all input pins of the system. For all analog inputs, the coupling method is a 42
Ω
serial resistor and a 0.5 µF capacitor. For DC power line, the coupling is 2
Ω, 18 µF with
differential mode, and 12
Ω, 9 µF with common mode. The required voltage surge levels are:
analog or DC I/O: 0.5 kV (line-to-line and line-to-earth coupling modes), DC power line: 0.5
kV (line-to-line), DC power line: 1 kV (line-to-earth). The PLC system shall continue to
operate as intended. Temporary degradation of the performance is acceptable during the
test, but the system must recover by itself after the test (criteria “B” according to the IEC
61131-2 standard).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com