Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4205 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 9Page - STMicroelectronics AN4205 Datasheet HTML 10Page - STMicroelectronics AN4205 Datasheet HTML 11Page - STMicroelectronics AN4205 Datasheet HTML 12Page - STMicroelectronics AN4205 Datasheet HTML 13Page - STMicroelectronics AN4205 Datasheet HTML 14Page - STMicroelectronics AN4205 Datasheet HTML 15Page - STMicroelectronics AN4205 Datasheet HTML 16Page - STMicroelectronics AN4205 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN4205
Input stage of the AC/DC converter
Doc ID 023929 Rev 1
13/23
2.4
UC3842 driver
A simple PWM driver has been chosen to drive the gate of the STD3NK80Z device and
direct the flyback topology requested by the converter. The driver is the common UC3842
and it provides all the essential features necessary to the operation of the basic current
mode controller. The UC3842 needs 15 V for its correct biasing and this voltage reference is
supplied by the auxiliary output of the transformer.
Figure 6.
UC3842 PWM driver and network
The next step is to design the network for the PWM driver pins.
The first step is to determine the required circuit dead time in order to select the oscillator
components. Once obtained, Figure 7 is used to pinpoint the nearest standard value of C9.
Next, the appropriate R5 value is interpolated using the parameters for C9 and oscillator
frequency. Figure 8 illustrates the R5/C9 combinations versus oscillator frequency.
3
6
5
4
8
1
2
7
+
-
PWM driver
R1
C2
C3
C4
C8
C7
C9
C10
C11
R2
R3
R4
R5
R6
R8
R9
R7
D3
D2
D4
M1
AM16372v1
Figure 7.
Dead time vs. C9 (R5>5k)
Figure 8.
Time resistance vs. frequency
0.3
1
3
10
30
12.2
4.7
10
22
47
100
C9=(nF)
AM16373v1
3
10
30
100
100
1k
10k
100k
10M
Frequency (Hz)
AM16374v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com