Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4205 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4205
Description  The most recent developments in energy savings fit perfectly
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4205 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4205 Datasheet HTML 15Page - STMicroelectronics AN4205 Datasheet HTML 16Page - STMicroelectronics AN4205 Datasheet HTML 17Page - STMicroelectronics AN4205 Datasheet HTML 18Page - STMicroelectronics AN4205 Datasheet HTML 19Page - STMicroelectronics AN4205 Datasheet HTML 20Page - STMicroelectronics AN4205 Datasheet HTML 21Page - STMicroelectronics AN4205 Datasheet HTML 22Page - STMicroelectronics AN4205 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN4205
Test results
Doc ID 023929 Rev 1
21/23
Figure 15.
Main signals of the output stage
Figure 14 shows the details of the linear current regulation. When the value of VB (base
voltage of bipolar Q1) rises, VGS of the Power MOSFET M2 decreases and the IDS
(IOUT) current decreases. That allows fixing the current variations to approximately
350 mA.
Figure 15 shows the features of the output stage main signals. The IOUT ripple current
(red waveform) is very low and the VDS average value is around the voltage threshold
fixed by specification:
Targeting higher energy conservation, the main features of the LED driver result in an
almost constant IDS (IOUT) current, ensuring a very long lifetime for the LED components
and a regulated VDS signal in order to minimize the power losses during linear regulation
which is the most important feature of the LED driver because it compensates for the cost of
efficiency of the standard.
AM16381v1
V
DS average
()
V
Dground
VR2
300mV
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com