Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2178 Datasheet(PDF) 9 Page - Linear Technology

Part # LT2178
Description  17A Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2178 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT2178 Datasheet HTML 4Page - Linear Technology LT2178 Datasheet HTML 5Page - Linear Technology LT2178 Datasheet HTML 6Page - Linear Technology LT2178 Datasheet HTML 7Page - Linear Technology LT2178 Datasheet HTML 8Page - Linear Technology LT2178 Datasheet HTML 9Page - Linear Technology LT2178 Datasheet HTML 10Page - Linear Technology LT2178 Datasheet HTML 11Page - Linear Technology LT2178 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT2178/LT2179
9
21789fc
Please see the LT2078/LT2079 data sheet for applications
information. All comments relating to specifications, single
APPLICATIONS INFORMATION
supply operation and phase reversal protection are directly
applicable to the LT2178/LT2179.
–
+
–
+
+
+
VIN
0V TO 5V
220k*
50k
1MHz
TRIM
100Hz TRIM
240k TYP
2k
2μF
0.33μF
S1
D1
D2
S2
S3
D3
D4
S4
0.022μF
500pF
POLYSTYRENE
3pF
0.01μF
47k
Q8
2N3906
12k
1.5M
NC
Q7
2N3904
74C14
1N1
1N3
1N4
1N2
GND
V–
V+
FOUT
RESET
VSS
VDD
CLK
Q7
CD4024
1μF
1N4148
1μF
100Ω
A2
1/2 LT2178
10k
7V TO 10V
100k
LT1004-2.5
LTC
®201
A1
1/2 LT2178
21789 TA03
10M
LINEARITY IS 0.02%
QUIESCENT CURRENT IS 90μA
SUPPLY CURRENT IS 360μA AT 1MHz
DRIFT = 50ppm/°C
*TRWMTR/5 + 120ppm/°C
Micropower 100Hz to 1MHz V-to-F Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com