Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT2178 Datasheet(PDF) 6 Page - Linear Technology

Part # LT2178
Description  17A Max, Dual and Quad, Single Supply, Precision Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT2178 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT2178 Datasheet HTML 2Page - Linear Technology LT2178 Datasheet HTML 3Page - Linear Technology LT2178 Datasheet HTML 4Page - Linear Technology LT2178 Datasheet HTML 5Page - Linear Technology LT2178 Datasheet HTML 6Page - Linear Technology LT2178 Datasheet HTML 7Page - Linear Technology LT2178 Datasheet HTML 8Page - Linear Technology LT2178 Datasheet HTML 9Page - Linear Technology LT2178 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT2178/LT2179
6
21789fc
TYPICAL PERFORMANCE CHARACTERISTICS
OFFSET VOLTAGE (μV)
–150
0
200
400
600
800
–100
–50
0
50
21789 G01
100
150
VS = 5V, 0V
TA = 25°C
2500 OP AMPS
TESTED
POSITIVE SUPPLY VOLTAGE (V)
0
100
0
–100
–200
–300
–400
–500
21789 G02
1
23
V– = 0V
NONFUCTIONAL
–40°C
25°C
85°C
TEMPERATURE (°C)
–50
25
50
75
25
75
21789 G03
–2.5
–3.0
–25
0
50
100
–3.5
–4.0
100
IOS
IB
VS = 5V, 0V
TEMPERATURE (°C)
1000
100
10
1
0.1
–50
0
25
50
75
100
21789 G04
–25
ISINK = 1mA
ISINK = 100μA
ISINK = 1μA
NO LOAD
10k TO GROUND
2k TO GROUND
VS = 5V, 0V
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
20
10
0
–10
–20
–30
2
21789 G05
1
VS = 15V
VS = 15V
VS = 2.5V
VS = 2.5V
VS = 5V, 0V
TIME (SECONDS)
0
2
46
8
10
12
CHANNEL A
CHANNEL B
TA = 25°C, VS = 2.5V
21789 G06
TIME (SECONDS)
0
20
40
60
80
21789 G07
100
120
CHANNEL A
CHANNEL B
TA = 25°C, VS = 2.5V
FREQUENCY (Hz)
0.1
10
100
300
30
1000
1
1000
100
10
21789 G08
TA = 25°C
VS = 2.5V
CURRENT
NOISE
VOLTAGE NOISE
1/f CORNER
0.5Hz
FREQUENCY (Hz)
0.001
100k
217879 G09
0.1
10
1k
0.01
1M
1
100
10k
140
120
100
80
60
40
20
0
–20
VS = 15V
VS = 5V, 0V
TA = 25°C
Output Saturation vs Temperature
vs Sink Current
Short-Circuit Current
0.1Hz to 10Hz Noise
0.01Hz to 10Hz Noise
Noise Spectrum
Voltage Gain vs Frequency
Distribution of Input
Offset Voltage
Minimum Supply Voltage
Input Bias and Offset Currents
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com