Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4599 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4599
Description  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4599 Datasheet HTML 10Page - STMicroelectronics AN4599 Datasheet HTML 11Page - STMicroelectronics AN4599 Datasheet HTML 12Page - STMicroelectronics AN4599 Datasheet HTML 13Page - STMicroelectronics AN4599 Datasheet HTML 14Page - STMicroelectronics AN4599 Datasheet HTML 15Page - STMicroelectronics AN4599 Datasheet HTML 16Page - STMicroelectronics AN4599 Datasheet HTML 17Page - STMicroelectronics AN4599 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Functional and thermal test
AN4599
14/26
DocID026993 Rev 1
5
Functional and thermal test
All the measurements are typical and performed at 30 °C ambient temperature.
Thermal testing is performed starting with a power of 100 W applied for 30 min.
Table 3. Functional and thermal test
Test
190 Vac
230 Vac
265 Vac
Functional
Tstart (sec)
3.9
3
2.2
Functional
Pin no load (W)
1
0.6
0.5
Functional
ƞ@load 6.5 A (%)
91
92
93
Functional
ƞ@load 3.5 A (%)
91.5
92.5
93.5
Functional
Freq @ load6.5A (kHz
66
80
98
Functional
ILimit (A)
12
13.5
16
Thermal
Delay time thermal
protection 200 W (sec)
45
Thermal
Delay time thermal
protection 250 W (sec)
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com