Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4599 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4599
Description  This application note describes the features
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4599 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4599 Datasheet HTML 18Page - STMicroelectronics AN4599 Datasheet HTML 19Page - STMicroelectronics AN4599 Datasheet HTML 20Page - STMicroelectronics AN4599 Datasheet HTML 21Page - STMicroelectronics AN4599 Datasheet HTML 22Page - STMicroelectronics AN4599 Datasheet HTML 23Page - STMicroelectronics AN4599 Datasheet HTML 24Page - STMicroelectronics AN4599 Datasheet HTML 25Page - STMicroelectronics AN4599 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Thermal measures
AN4599
22/26
DocID026993 Rev 1
9
Thermal measures
Figure 14. Thermal map
230 VAC Load 7 A steady thermal after 2 h Tamb 30° C
summary
•
Trasfo Copper 95.5 °C
•
Trasfo Core 84.2 °C
•
secondary diodes 118.8 °C
•
primary MOSFETs 73.6 °C
•
common mode choke 69.4 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com