Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4602 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4602
Description  This document is intended to guide in the usage of and to provide useful details related
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4602 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4602 Datasheet HTML 9Page - STMicroelectronics AN4602 Datasheet HTML 10Page - STMicroelectronics AN4602 Datasheet HTML 11Page - STMicroelectronics AN4602 Datasheet HTML 12Page - STMicroelectronics AN4602 Datasheet HTML 13Page - STMicroelectronics AN4602 Datasheet HTML 14Page - STMicroelectronics AN4602 Datasheet HTML 15Page - STMicroelectronics AN4602 Datasheet HTML 16Page - STMicroelectronics AN4602 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN4602
Reading output data
Figure 4: DRDY flow
Summarizing the read from the DRDY pin:
1.
Read the DRDY pin
2.
If DRDY = 0, then go to step 1
3.
Read OUT_X_L
4.
Read OUT_X_H
5.
Read OUT_Y_L
6.
Read OUT_Y_H
7.
Read OUT_Z_L
8.
Read OUT_Z_H
9.
Data processing
10. Go to step 1
3.2.2
Using the STATUS_REG register
Directly polling the STATUS_REG register allows checking bit 7 (overrun). If bit 7 is set to
1, the reading rate is not adequate compared to the data production rate. If one or more
magnetometer samples have been overwritten by new data because of an excessively
slow reading rate, the ZYXOR bit of the STATUS_REG register is set to 1.
Reading from the STATUS_REG can be summarized as follows:
1.
Read STATUS_REG
2.
If STATUS_REG(3) = 0, then go to step 1
3.
If STATUS_REG(7) = 1, some data have been overwritten
4.
Read OUT_X_L
5.
Read OUT_X_H
6.
Read OUT_Y_L
7.
Read OUT_Y_H
8.
Read OUT_Z_L
9.
Read OUT_Z_H
10. Data processing
11. Go to step 1
DocID027014 Rev 1
13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com