Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4602 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4602
Description  This document is intended to guide in the usage of and to provide useful details related
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4602 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4602 Datasheet HTML 15Page - STMicroelectronics AN4602 Datasheet HTML 16Page - STMicroelectronics AN4602 Datasheet HTML 17Page - STMicroelectronics AN4602 Datasheet HTML 18Page - STMicroelectronics AN4602 Datasheet HTML 19Page - STMicroelectronics AN4602 Datasheet HTML 20Page - STMicroelectronics AN4602 Datasheet HTML 21Page - STMicroelectronics AN4602 Datasheet HTML 22Page - STMicroelectronics AN4602 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN4602
Offset management
7
Offset management
The LIS3MDL provides six registers dedicated to erase possible offset in the output data.
Typical usage of these registers is to compensate for hard-iron effects:
OFFSET_X_REG_L_M (05h) ;
OFFSET_X_REG_H_M (06h) ;
OFFSET_Y_REG_L_M (07h) ;
OFFSET_Y_REG_H_M (08h) ;
OFFSET_Z_REG_L_M (09h) ;
OFFSET_Z_REG_H_M (0Ah) ;
Offset values have to be written in the registers as 16-bit, 2’s complement (the sensitivity
value is the same used for the magnetic data, please refer to Table 2: "Full-scale
selection").
The content of the OFFSET register is subtracted from the output of the device:
OUT = OUT(measured) - OFFSET
DocID027014 Rev 1
21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com