Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4625 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4625
Description  STEVAL-IFP023V1 evaluation board for CLT01-38S4 input termination
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4625 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4625 Datasheet HTML 17Page - STMicroelectronics AN4625 Datasheet HTML 18Page - STMicroelectronics AN4625 Datasheet HTML 19Page - STMicroelectronics AN4625 Datasheet HTML 20Page - STMicroelectronics AN4625 Datasheet HTML 21Page - STMicroelectronics AN4625 Datasheet HTML 22Page - STMicroelectronics AN4625 Datasheet HTML 23Page - STMicroelectronics AN4625 Datasheet HTML 24Page - STMicroelectronics AN4625 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID027187 Rev 1
21/26
AN4625
EMC requirements
26
4
EMC requirements
4.1
Procedure to evaluate the robustness of the CLT01-38S4
The IEC 61131-2 international standard is the reference to evaluate the CLT01-38S4
robustness. This standard provides all requirements and test conditions for programmable
logic controllers (PLCs) and their associated peripherals. It specifies the electromagnetic
compatibility (EMC) requirements and the nature of the tests to perform and to determine if
the system meets these requirements. The levels of each test depend on the zone where
the system is installed. The most typical industrial environmental levels correspond to zone
B: local power distribution zone and dedicated power distribution zone (see EMC immunity
zones of the IEC 61131-2-Ed2 standard). The following sections deal with the test levels for
this zone.
4.2
ESD tests (IEC 61000-4-2)
Electrostatic discharge test is applied to operator accessible devices. This means that these
tests have to be performed on each connector pin. The required levels are air discharge: ± 8
kV and contact discharge: ± 4 kV.
PLC system continues operating. Temporary degradation of the performance is acceptable
during the test, but the system must recover after the test (criteria “B” according to the
IEC61131-2 standard).
4.3
Burst tests (IEC 61000-4-4)
The fast transient burst tests must be applied to all input pins of the system. A capacitive
clamp-coupling device (50-200 pF) must be used as described in the IEC 61000-4-4
standard. The required burst voltage levels are the analog or DC I/O: ± 1 kV, DC power line:
± 2 kV. PLC system continues operating. Temporary degradation of the performance is
acceptable during the test, but the system must recover after the test (criteria “B” according
to the IEC 61131-2 standard).
4.4
Surge test (IEC 61000-4-5)
Since the voltage surge consists of a single but energetic pulse, the CLT01-38S4 embeds
an overvoltage protection on each point. The absorbed energy complies at least with the
IEC 61131-2 standard requirements. The high energy surge test must be applied on all input
pins of the system. For all analog inputs, the coupling method is a 42 Ω serial resistor and a
capacitor of 0.5 µF. For DC power line, the coupling is 2 Ω, 18 µF for differential mode, and
12 Ω, 9 µF for common mode. Required voltage surge levels are:
•
Analog or DC I/O: 0.5 kV (differential and common coupling modes)
•
DC power line: 0. 5 kV (differential mode)
•
DC power line: 1 kV (common mode)
The PLC system continues operating. Temporary degradation of the performance is
acceptable during the test, but the system must recover after the test (criteria “B” according
to the IEC 61131-2 standard).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com