Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4625 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4625
Description  STEVAL-IFP023V1 evaluation board for CLT01-38S4 input termination
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4625 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4625 Datasheet HTML 18Page - STMicroelectronics AN4625 Datasheet HTML 19Page - STMicroelectronics AN4625 Datasheet HTML 20Page - STMicroelectronics AN4625 Datasheet HTML 21Page - STMicroelectronics AN4625 Datasheet HTML 22Page - STMicroelectronics AN4625 Datasheet HTML 23Page - STMicroelectronics AN4625 Datasheet HTML 24Page - STMicroelectronics AN4625 Datasheet HTML 25Page - STMicroelectronics AN4625 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DocID027187 Rev 1
23/26
AN4625
EMC requirements
26
Surge test
IEC61000-4-5
Analog
input
42
Ω, 0.5 µF
different and
common
±0.5 kV B
On single CLT01 board
RIN=2.2 kΩ
±2 kV B
DC power
line
2
Ω, 18 µF
different mode
±0.5 kV B
On single CLT01 board
RC=0.5 kΩ
RC=2.2 kΩ
±1 kV B
±2.5 kV B
12
Ω, 9 µF
common
±1 kV B
RF test
IEC61000 4-6
Analog input
3 V A
STEVAL-IFP023V1,
2MHz
3 V A
DC power line
3 V A
3 V A
Reverse input polarity
test
-VCC applied to one input during 10 seconds
-30 VDC CW applied to one input
+VDC CW applied on the others
Table 3. EMC immunity test requirements and results (continued)
Minimum requirements of international
standards *
CLT01-38S4 robustness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com