Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1069-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1069-1
Description  Low Power, 8th Order Progressive Elliptic, Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1069-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1069-1_15 Datasheet HTML 2Page - Linear Technology LTC1069-1_15 Datasheet HTML 3Page - Linear Technology LTC1069-1_15 Datasheet HTML 4Page - Linear Technology LTC1069-1_15 Datasheet HTML 5Page - Linear Technology LTC1069-1_15 Datasheet HTML 6Page - Linear Technology LTC1069-1_15 Datasheet HTML 7Page - Linear Technology LTC1069-1_15 Datasheet HTML 8Page - Linear Technology LTC1069-1_15 Datasheet HTML 9Page - Linear Technology LTC1069-1_15 Datasheet HTML 10Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LTC1069-1
8
10691fa
APPLICATIONS INFORMATION
Aliasing
Aliasing is an inherent phenomenon of sampled data
systems and it occurs for input frequencies approaching
the sampling frequency. The internal sampling frequency
of the LTC1069-1 is 100 times its cutoff frequency. For
instance, if a 98kHz, 100mVRMS signal is applied at the
input of an LTC1069-1 operating with a 100kHz clock, a
2kHz, 28μVRMS alias signal will appear at the filter output.
Table 4 shows details.
Table 4. Aliasing (fCLK = 100kHz)
INPUT FREQUENCY
(VIN = 1VRMS)
(kHz)
OUTPUT LEVEL
(Relative to Input)
(dB)
OUTPUT FREQUENCY
(Aliased Frequency)
(kHz)
fCLK/fC = 100:1, fCUTOFF = 1kHz
96
(or 104)
97
(or 103)
98
(or 102)
98.5
(or 101.5)
99
(or 101)
99.5
(or 100.5)
–90.0
–86.0
–71.0
–56.0
–1.1
–0.21
4.0
3.0
2.0
1.5
1.0
0.5
TYPICAL APPLICATIONS
Single 3.3V Supply Operation with Output Buffer
Single 5V Operation with Power Shutdown
1
2
3
4
8
7
6
5
VOUT
V–
NC
CLK
AGND
V+
NC
VIN
0.1μF
0.47μF
SHUTDOWN
ON
5V
VIN
VOUT
1069-1 TA04
LTC1069-1
fCLK ≤
750kHz
5V
0V
CMOS LOGIC
1
2
3
4
8
7
6
5
VOUT
V–
NC
CLK
AGND
V+
NC
VIN
0.1μF
0.47μF
VIN
VOUT
10691 TA05
LTC1069-1
fCLK
500kHz
3.3V
0V
–
+
1/2 LT1366
3.3V
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com